Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS64MRMMC4 Datasheet(PDF) 11 Page - Transcend Information. Inc.

No. de pieza TS64MRMMC4
Descripción Electrónicos  MMCmobile
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCEND [Transcend Information. Inc.]
Página de inicio  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS64MRMMC4 Datasheet(HTML) 11 Page - Transcend Information. Inc.

Back Button TS64MRMMC4 Datasheet HTML 3Page - Transcend Information. Inc. TS64MRMMC4 Datasheet HTML 4Page - Transcend Information. Inc. TS64MRMMC4 Datasheet HTML 5Page - Transcend Information. Inc. TS64MRMMC4 Datasheet HTML 6Page - Transcend Information. Inc. TS64MRMMC4 Datasheet HTML 7Page - Transcend Information. Inc. TS64MRMMC4 Datasheet HTML 8Page - Transcend Information. Inc. TS64MRMMC4 Datasheet HTML 9Page - Transcend Information. Inc. TS64MRMMC4 Datasheet HTML 10Page - Transcend Information. Inc. TS64MRMMC4 Datasheet HTML 11Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
T
T
TS
S
S6
6
64
4
4M
M
M~
~
~1
1
1G
G
GR
R
RM
M
MM
M
MC
C
C4
4
4
MMCmobile
Transcend Information Inc.
11
Reliability and Durability
Temperature
Operation: -25°C / 85°C
Storage: -40°C (168h) / 85°C (500h)
Junction temperature: max. 95°C
Moisture and corrosion
Operation: 25°C / 95% rel. humidity
Stress: 40°C / 93% rel. hum./500h
Salt Water Spray: 3% NaCl/35C; 24h acc. MIL STD Method 1009
ESD protection
Contact Pads:
+/-4kV, Human body model according to ANSI EOS/ESD-S5.1-1998
Non Contact Pads area:
+/-8kV(coupling plane discharge)
+/-15kV(air discharge)
Human body model according to IEC61000-4-2
Durability
10.000 mating cycles; test procedure: t.b.d.
Bending
t.b.d.
Torque
t.b.d.
Drop test
1.5m free fall
UV light exposure
UV: 200nm, 15Ws/cm² according to ISO 7816-1
Visual inspection
Shape and form
No warp page; no mold skin; complete form; no cavities surface smoothness sigma
-0.1 mm/cm² within contour; no cracks; no pollution (fat, oil dust, etc.)
Above technical information is based on MMC4.0 standard specification and tested to be reliable. However, Transcend
makes no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of
this product. Transcend reserves the right to make changes in specifications at any time without prior notice.


Número de pieza similar - TS64MRMMC4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS64MCF80 TRANSCEND-TS64MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
TS64MDOM40V TRANSCEND-TS64MDOM40V Datasheet
160Kb / 8P
   40-Piin IDE Fllassh Module
TS64MDOM44H TRANSCEND-TS64MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS64MDOM44V TRANSCEND-TS64MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
logo
List of Unclassifed Man...
TS64MVSSFDC ETC1-TS64MVSSFDC Datasheet
59Kb / 3P
   64MB SmartMediaCard
More results

Descripción similar - TS64MRMMC4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TS256MRMMC4 ETC-TS256MRMMC4 Datasheet
266Kb / 11P
   256MB MMCmobile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com