Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS120GSSD25D-M Datasheet(PDF) 9 Page - Transcend Information. Inc.

No. de pieza TS120GSSD25D-M
Descripción Electrónicos  2.5??Solid State Drive
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCEND [Transcend Information. Inc.]
Página de inicio  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS120GSSD25D-M Datasheet(HTML) 9 Page - Transcend Information. Inc.

Back Button TS120GSSD25D-M Datasheet HTML 5Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 6Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 7Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 8Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 9Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 10Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 11Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 12Page - Transcend Information. Inc. TS120GSSD25D-M Datasheet HTML 13Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
T
T
TS
S
S6
6
60
0
0G
G
GS
S
SS
S
SD
D
D2
2
25
5
5D
D
D---M
M
M
T
T
TS
S
S1
1
12
2
20
0
0G
G
GS
S
SS
S
SD
D
D2
2
25
5
5D
D
D---M
M
M
2.5” Solid State Drive
Transcend Information Inc.
Preliminary V1.02
9
SMART
SMART
SMART
SMART
SMART subcommand sets
In order to select a subcommand the host must write the subcommand code to the device's Features Register before
issuing the SMART Function Set command. The subcommands are listed below.
SMART Read Data (subcommand D0h)
This subcommand returns the device's Attribute Values to the host. The Attribute Values consist of 512bytes.
Device Attribute Data Structure
Individual Attribute Data Structure


Número de pieza similar - TS120GSSD25D-M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcend Information. ...
TS120GSJ18M TRANSCEND-TS120GSJ18M Datasheet
94Kb / 3P
   ZIF PATA HDD Enclosure
TS120GSJ25S-S TRANSCEND-TS120GSJ25S-S Datasheet
81Kb / 3P
   SATA HDD Enclosure
More results

Descripción similar - TS120GSSD25D-M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
535 INTEL-535 Datasheet
740Kb / 31P
   Intel짰 Solid-State Drive 535 Series (2.5-inch)
Sept 2015
530 INTEL-530 Datasheet
481Kb / 27P
   Intel짰 Solid-State Drive 530 Series (2.5-inch)
April 2015
logo
A-Data Technology
SX950 A-DATA-SX950 Datasheet
1Mb / 2P
   XPG SX950 3D NAND 2.5-inch Solid State Drive
logo
Transcend Information. ...
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
   2.5??Solid State Disk
TS32GSSD18M-M TRANSCEND-TS32GSSD18M-M Datasheet
800Kb / 32P
   1.8??Portable Solid State Drive
logo
Apacer Technology Inc.
PV130-M242 APACER-PV130-M242 Datasheet
1Mb / 5P
   modularized Solid State Drive (SSD)
SM130-25 APACER-SM130-25 Datasheet
1Mb / 4P
   (2.5inch) Embedded Solid State Drive
SS130-25 APACER-SS130-25 Datasheet
1Mb / 4P
   (2.5inch) Embedded Solid State Drive
logo
A-Data Technology
S510 A-DATA-S510 Datasheet
405Kb / 2P
   ADATA S510 Solid State Drive
logo
Western Digital Corpora...
80-11-80106 WESTERN-80-11-80106 Datasheet
356Kb / 25P
   CloudSpeed Eco and Ultra Gen. II 2.5” SATA Solid State Drive, Generic
Rev 3 October
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com