Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK416-090-E Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza STK416-090-E
Descripción Electrónicos  Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK416-090-E Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK416-090-E Datasheet HTML 1Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 2Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 3Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 4Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 5Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 6Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 7Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 8Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STK416-090-E
No. A1621-3/12
Continued from preceding page.
*8: Thermal design must be implemented based on the conditions under which the customer’s end products are
expected to operate on the market.
*9: The thermoplastic adhesive is used to bond the case and the aluminum substrate, so, please be sure to fix the Hybrid
IC on the heat sink before soldering and mount it. In addition, please attach and remove the heat sink at normal
temperature.
*10: Weight of HIC: 36.8g
Outer carton dimensions (W
×L×H): 452mm×325mm×192mm
Package Dimensions
unit:mm (typ)
Designated transformer power supply
(MG-250 equivalent)
10000
μF
10000
μF
DBA40C
500
Ω
500
Ω
+VH
-VH
+
+
10000
μF
10000
μF
DBA40C
500
Ω
500
Ω
+VL
-VL
+
+
Designated transformer power supply
(MG-200 equivalent)
9.0
70.0
78.0
2.9
5.5
0.4
3.6
22 2.0=44.0
2.0
(13.0)
0.5
123
(R1.8)


Número de pieza similar - STK416-090-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK4160MK2 SANYO-STK4160MK2 Datasheet
235Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.4%
STK4160MK5 SANYO-STK4160MK5 Datasheet
230Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.08%?
STK4161 SANYO-STK4161 Datasheet
150Kb / 2P
   2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02%???
logo
List of Unclassifed Man...
STK4161II ETC-STK4161II Datasheet
104Kb / 2P
   2-CHANNEL AF POWER AMP
logo
Sanyo Semicon Device
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
More results

Descripción similar - STK416-090-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
logo
Tumbler Technologies + ...
SPU65 TRUMPOWER-SPU65 Datasheet
632Kb / 1P
   50-80W Switching Power Adapters
logo
LinkCom Manufacturing C...
80W-LCCH LINKCOM-80W-LCCH Datasheet
496Kb / 4P
   80W Power Supply
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com