Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4006 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

No. de pieza 1N4006
Descripción Electrónicos  1.0Amp. Glass Passivated Silicon Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

1N4006 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  1N4006 Datasheet HTML 1Page - Cystech Electonics Corp. 1N4006 Datasheet HTML 2Page - Cystech Electonics Corp. 1N4006 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C327LB
Issued Date : 2003.04.17
Revised Date :
Page No. : 2/3
1N400XLB
CYStek Product Specification
Characteristic Curves
Forward Current Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
0
20 40
60
80 100 120 140 160 180 200
Ambient Temperature---TA(℃)
Single phase, half
wave, 60Hz. Resistive
or inductive load
0.375" lead length
Maximum Non-Repetitive Forward Surge Current
0
5
10
15
20
25
30
35
110
100
Number of Cycles at 60Hz
Tj=25℃, 8.3ms Single
Half Sine Wave
JEDEC method
Forward Current vs Forward Voltage
0.01
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
Forward Voltage---VF(V)
Tj=25℃, Pulse
width=300μs
1% Duty cycle
Junction Capacitance vs Reverse Voltage
0
5
10
15
20
25
30
35
0.01
0.1
1
10
100
Reverse Voltage---VR(V)
Reverse Leakage Current vs Reverse Voltage
0.01
0.1
1
10
100
0
204060
80
100
120
140
Percent of Rated Peak Reverse Voltage---(%)
Tj=100℃
Tj=25℃


Número de pieza similar - 1N4006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1N4006 PANJIT-1N4006 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
1N4006 PANJIT-1N4006 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
First Components Intern...
1N4006 FCI-1N4006 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
1N4006 SHUNYE-1N4006 Datasheet
312Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Bytesonic Electronics C...
1N4006 BYTESONIC-1N4006 Datasheet
264Kb / 2P
   1.0 AMP SILICON RECTIFIERS
More results

Descripción similar - 1N4006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chongqing Pingwei Enter...
1A1G CHONGQING-1A1G_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
1N4001SG CHONGQING-1N4001SG_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
LL4933G TSC-LL4933G_1 Datasheet
260Kb / 2P
   1.0AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
Chongqing Pingwei Enter...
1F1G CHONGQING-1F1G_16 Datasheet
178Kb / 1P
   1.0AMP. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G_12 Datasheet
190Kb / 2P
   1.0AMP. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
HER101G LUGUANG-HER101G Datasheet
189Kb / 2P
   1.0AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G_13 Datasheet
429Kb / 4P
   1.0AMP. Glass Passivated Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
HER101G CHONGQING-HER101G_16 Datasheet
193Kb / 1P
   1.0AMP. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
S1AF CHONGQING-S1AF_16 Datasheet
177Kb / 1P
   1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
logo
Jinan Gude Electronic D...
FR101G JGD-FR101G Datasheet
143Kb / 2P
   1.0Amp Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com