Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTB10000-UR-A Datasheet(PDF) 6 Page - Marktech Corporate

No. de pieza MTB10000-UR-A
Descripción Electrónicos  10 SEGMENT LIGHT BAR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKTECH [Marktech Corporate]
Página de inicio  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTB10000-UR-A Datasheet(HTML) 6 Page - Marktech Corporate

  MTB10000-UR-A Datasheet HTML 1Page - Marktech Corporate MTB10000-UR-A Datasheet HTML 2Page - Marktech Corporate MTB10000-UR-A Datasheet HTML 3Page - Marktech Corporate MTB10000-UR-A Datasheet HTML 4Page - Marktech Corporate MTB10000-UR-A Datasheet HTML 5Page - Marktech Corporate MTB10000-UR-A Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MTB10000-UR-A
10 SEGMENT
LIGHT BAR
VER.: 01
Date: 2007/10/04
Page: 5/5
Precautions in Use:
PLEASE PAY SPECIAL ATTNTION TO THE NEXT POINT TO INCORPORATE OPTO
DEVICE TO HIGH RELIABILITY
1. Do not bend the lead. Bending leads could cause breakage of leads or the degradation of the chip.
When bending is unavoidable, strictly follow the cautionary instruction below.
(1)Bend the leads before soldering.
(2)Bending a lead must be done by fixing a lead tightly and applying no stress on the resin part.
(3) The lead bending point must be more than 1.6mm away from the edge or the resin part.
(4)When a pin is tested for its endurance, bending degree should be 45∘and repeated no more than two times.
2. Setting a product by using tool such as a holder should be avoided.
When necessary, no stress should be applied to the resin part and lead to consider dimension tolerance,
thermal expansion, thermal contraction of holder, product and circuit board etc.
3. The hole pitch of a circuit board must fit into the lead pitch of products.
4. When soldering, care the followings:
(1)Do not heat a product under any stress (i.e.: twist) to leads.
(2)Do not heat ( for example, by soldering ) a product while out side force is applied the resin part.
(3 The lead bending point must be more than 1.6mm away from the edge or the resin part.
(4)Soldering with PC Board should be conducted with following conditions.
(a) For dip soldering
Pre-heating : 90℃ Max. for within 60 Sec.
Soldering Max. : 260±5℃(Solder Temp.) for within 5 Sec.
(b) Soldering iron : 350℃(Soldering iron tip) for within 3 Sec.
5. Flux could corrode the leads.Use flux that contains as little chlorine as possible (RA, RMA,
less than 0.2 wt%) and need not be washed way. When, however, washing is necessary, partially wash
around the leads, instead of the entire LED, by the following conditions.
Cleaning agent : Methyl Alcohol
Cleaning temp : 45℃
Max.
Cleaning time : 30Sec. Max.
6. Minimum amount of soldering flux should be used. Soldering flux should be applied only to the pin portion.
7. The following may damage products or LED chips: Attachment or contact of residual flux solvent
onto the product surface or to LED chips, or invasion of the same into the product.


Número de pieza similar - MTB10000-UR-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
MTB10000-UR MARKTECH-MTB10000-UR Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
More results

Descripción similar - MTB10000-UR-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LL10000HR ETC-LL10000HR Datasheet
122Kb / 2P
   10 segment light bar
logo
Marktech Corporate
MTB10000-PG-A MARKTECH-MTB10000-PG-A Datasheet
178Kb / 6P
   10 SEGMENT LIGHT BAR
logo
List of Unclassifed Man...
703-0188 ETC2-703-0188 Datasheet
645Kb / 3P
   10 Segment Light Bar
logo
LUMEX INC.
SSA-LXB10IGW-GF LUMEX-SSA-LXB10IGW-GF Datasheet
48Kb / 1P
   10 Segment Bar Graph
SSA-LXB10G5Y4I1WLP LUMEX-SSA-LXB10G5Y4I1WLP Datasheet
58Kb / 1P
   10 Segment Bar Graph
SSA-LXB10GW-18751 LUMEX-SSA-LXB10GW-18751 Datasheet
58Kb / 1P
   10 Segment Bar Graph
SSA-LXB10IGW-CAGF LUMEX-SSA-LXB10IGW-CAGF Datasheet
86Kb / 1P
   10 Segment Bar Graph
SSB-LXE100SRW LUMEX-SSB-LXE100SRW Datasheet
38Kb / 1P
   8.89mm X 3.81mm SEGMENT LIGHT BAR
SSA-LXB10IW-GF-LP LUMEX-SSA-LXB10IW-GF-LP Datasheet
51Kb / 1P
   10 Segment Rectangular Bar Graph
SSA-LXB10SRW LUMEX-SSA-LXB10SRW Datasheet
83Kb / 1P
   10 Segment Rectangular Bar Graph
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com