Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES-2112V-VXM-HE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

No. de pieza ES-2112V-VXM-HE
Descripción Electrónicos  12.1 Open Frame and Rugged Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2112V-VXM-HE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ES-2112V-VXM-HE Datasheet HTML 1Page - Advantech Co., Ltd. ES-2112V-VXM-HE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Display Solutions
Features
12.1" LCD supports 800 x 600 or 1024 x 768 pixels and wide operating
temperature (-20 ~ 70° C)
Resistive, Capacitive, SAW or IR touchscreen and 3 mm tempered glass
options
Versatile mounting brackets
Modular architecture for efficient integration
Special back cover designed for 3.5" / 5.25" SBCs and ARK-1000 / 3000 /
4000 series box computer
Sunlight readable (optional)
Ultra-high brightness up to 1000 cd/m2 (optional)
Rugged aluminum front bezel design (ES-2212)
VGA or LVDS interface (S-Video: optional)
ES-2112/2212
12.1" Open Frame and
Rugged Panel Mount Monitor
NEW
Introduction
The Advantech ES-2112/2212 Embedded Open Frame and Rugged Panel Mount Monitor series offer flexible options for LCD, touchscreen, signal interface and chassis mounting.
The back cover has mounting holes for industry standard 3.5" or 5.25" SBCs; or Advantech DSA-2102, DSA-3400 digital signage player, DVS-355 mobile digital video platform,
and ARK-1000, ARK-3000 and ARK-4000 series embedded box computers. The series supports panel and VESA mounting, and is supplied with four versatile mounting brackets
for different integration applications. The Advantech Display Solutions Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) enables easy selection
of model numbers by choosing the required options.
Specifications
Processor System
I/O Ports
15-pin D-sub, DC power input, RS-232 port, Power Switch and OSD keys (Auto-tune, menu, decrease, increase)
Display Input Signal
Analog RGB, 0.7 VP-P / 75 0hm, optional LVDS
Multi-Scan
Mode Multi-Scan Mode supports VGA, SVGA
OSD Control
Keys: Auto-tune, menu, decrease and increase Functions: Brightness, Contrast, Clock, Phase, Horizontal Position,
Vertical Position and Sharpness
Power
External 50 W power adapter, with AC 100 ~ 240 V input and DC +12 V @ 4.16 A output
Dimensions (W x H x D)
Please refer to the product dimension diagram on next page
Weight
ES-2112 : 3.2 kgs
ES-2212 : 4.0 kgs
Environment
Operating Temperature
-10 ~ 65° C (14 ~ 149° F) ( -20 ~ 70° C optional) (-4 ~ 158° F optional)
Storage Temperature
-30 ~ 70° C (-22 ~ 158° F) for standard LCDs
Humidity
5 ~ 95% @ 40° C, non-condensing
Shock
10 G peak acceleration (11 ms duration)
EMC Approved
CE FCC
Display
Feature
Standard
Sunlight Readable
Ultra-high Brightness
Size
12.1"
12.1"
12.1"
Resolution (pixels)
800 x 600 SVGA/
1024 x 768 XGA
800 x 600 SVGA
800 x 600 SVGA/
1024 x 768 XGA
Number of Colors
262 K
262 K
262 K
Viewing Angle (L/R/U/D)
70°/70°/50°/60° ;
65°/65°/75°/45°
70°/70°/50°/60°
65°/65°/75°/45°
Brightness (cd/m2)
400 / 320
400
1000
Contrast Ratio
500:1 / 550:1
500:1
500:1
Response Time (ms)
35 / 6
35
10
Lamp Life (hrs)
50,000
50,000
50,000
Long-term Support
Yes
Yes
Yes
Anti-reflection
N/A
Yes
Yes
Touchscreen
Type
Analog Resistive
Capacitive
SAW
Infrared
Thickness
2.67 mm
3.18 mm
2.6 mm
3.0 mm
Resolution
4096 x 4096
1024 x 1024
4096 x 4096
4096 x 4096
Light Transmission
80%
85%
92%
92%
Controller Interface
RS-232/USB
RS-232
RS-232/USB
RS-232/USB
Power Consumption
+5 V @ 200 mA
+5 V @ 100 mA
+5 V @ 75 mA
+5 V @ 150 mA
Durability (Touches)
35 million hrs
225 million hrs
50 million hrs
MTBF 100,000 hrs
Driver OS Support
DOS, Linux, Mac, Windows 95/98/NT/ME/CE/2000/XP
ES-2112
ES-2212
RoHS
COMPLIANT
2002/95/EC


Número de pieza similar - ES-2112V-VXM-HE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
ES-2110 ADVANTECH-ES-2110 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2110C-VSAE ADVANTECH-ES-2110C-VSAE Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2110G-VSAE ADVANTECH-ES-2110G-VSAE Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2110R-LSA-05E ADVANTECH-ES-2110R-LSA-05E Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2110R-VSAE ADVANTECH-ES-2110R-VSAE Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
More results

Descripción similar - ES-2112V-VXM-HE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
ES-2108 ADVANTECH-ES-2108 Datasheet
331Kb / 2P
   8.4 Open Frame and Rugged Panel Mount Monitor
ES-2119 ADVANTECH-ES-2119 Datasheet
318Kb / 2P
   19 Open Frame and Rugged Panel Mount Monitor
ES-2217 ADVANTECH-ES-2217 Datasheet
83Kb / 2P
   17" Open Frame and Rugged Panel Mount Monitor
ES-2206 ADVANTECH-ES-2206 Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2106 ADVANTECH-ES-2106 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2115 ADVANTECH-ES-2115 Datasheet
353Kb / 2P
   15 Open Frame and Rugged Panel Mount Monitor
ES-2117 ADVANTECH-ES-2117 Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
ES-2110 ADVANTECH-ES-2110 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
logo
Axiomtek Co., Ltd.
LD-121 AXIOMTEK-LD-121 Datasheet
129Kb / 1P
   12.1 Industrial Open Frame LCD Monitor
logo
AZ Displays
AOM121S AZDISPLAYS-AOM121S Datasheet
2Mb / 18P
   SPECIFICATIONS FOR 12.1??OPEN FRAME MONITOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com