Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES-3117 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

No. de pieza ES-3117
Descripción Electrónicos  17 Industrial LCD MonitorRoHSCOMPLIANT2002
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-3117 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ES-3117 Datasheet HTML 1Page - Advantech Co., Ltd. ES-3117 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Display Solutions
Features
Introduction
The Advantech Industrial Open Frame monitor series is equipped with a touchscreen input device, mainly for self-service Kiosk applications. The ES-3117 series is a 17" LCD monitor,
adaptable to different touchscreens: Resistive, Capacitive, SAW and Infrared or tempered glass and Vandal proof glass. Its mechanical enclosure is made of strengthened steel to
withstand harsh environments.
Specifications
Processor System
I/O Ports
15-pin D-Sub, DC power input, RS-232 port, power switch
Display Input Signal
Analog RGB, 0.7 VP-P/75 Ohm
Multi-Scan Mode
Supports VGA/SVGA/XGA/SXGA
Refresh Rates
FH: 30 ~ 60 KHz, FV: 56 ~ 75 Hz
OSD Control
Key: Provides auto-tune/menu/decrease/increase
Function: Supports Brightness/Contrast/Clock/Phase/Horizontal Position/Vertical Position/Sharpness
Power
External 45 W power adaptor, with AC 100 ~ 240 V @ 1.2 A input and DC +12 V @ 3.75 A output
Dimensions (W x H x D)
ES-3117G-VEAE/ES-3117R-VEAE/ES-3117C-VEAE: 448 x 358 x 58.30 mm (17.64" x 14.09" x 2.30")
ES-3117S-VEAE: 448 x 358 x 59.30 mm (17.64" x 14.09" x 2.33")
ES-3117V-VEAE/ES-3117V-VEA-SRE: 448 x 358 x 59.30 mm (17.64" x 14.09" x 2.33")
Weight
4.5 kg
Environment
Operating Temperature
0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F) for standard LCDs
Humidity
5 ~ 95% @ 40° C, non-condensing
Shock
10 G peak acceleration (11 ms duration)
EMC Approved
CE, FCC
Safety Approved
UL
Display
Feature
Standard / (OEM)
Sunlight Readable
Size
17"
17"
Resolution (Pixels)
1280 x 1024 SXGA
1280 x 1024 SXGA
Number of Colors
16.2 M
16.2M
Viewing Angle (L/R/U/D)
70°/70°/70°/60°
70°/70°/70°/60°
Brightness (cd/m2)
300
300
Contrast Ratio
500:1
500:1
Response Time (ms)
8
8
Lamp Life (hrs)
50,000
50,000
Long-term Support
Yes
Yes
Transflective
N/A
Yes
Touchscreen
Type
Analog Resistive
Capacitive
SAW
Infrared
Thickness
3.48 mm
3.18 mm
2.7 mm
3.0 mm
Resolution
4096 x 4096
1024 x 1024
4096 x 4096
4096 x 4096
Light Transmission
80%
85%
92%
92%
Controller Interface
RS-232/USB
RS-232
RS-232/USB
RS-232/USB
Power Consumption
+5 V @ 200 mA
+5 V @ 100 mA
+5 V @ 75 mA
+5 V @ 150 mA
Durability (touches)
35 million hrs
225 million hrs
50 million hrs
MTBF 100,000 hrs
Driver OS Support
DOS, Linux, Mac, Windows 95/98/NT/ME/CE/2000/XP
17" LCD supports 1280 x 1024 pixels
Multiple touchscreen options for different applications
Versatile mounting brackets
Open-frame architecture with Embedded LCD touch panel
Supports full-function OSD control keys to optimize the display
Sunlight readable (optional)
Ultra-high brightness up to 1000 cd/m2 (optional)
ES-3117
17" Industrial LCD Monitor
RoHS
COMPLIANT
2002/95/EC


Número de pieza similar - ES-3117

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
ES-3112 ADVANTECH-ES-3112 Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112C-VSAE ADVANTECH-ES-3112C-VSAE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112C-VSS-SRE ADVANTECH-ES-3112C-VSS-SRE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112G-VSAE ADVANTECH-ES-3112G-VSAE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112R-VSAE ADVANTECH-ES-3112R-VSAE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
More results

Descripción similar - ES-3117

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Axiomtek Co., Ltd.
P6173 AXIOMTEK-P6173_16 Datasheet
355Kb / 2P
   17 SXGA TFT Industrial LCD Monitor
P6173 AXIOMTEK-P6173_17 Datasheet
355Kb / 2P
   17 SXGA TFT Industrial LCD Monitor
LD-170 AXIOMTEK-LD-170 Datasheet
132Kb / 1P
   17 Industrial Open Frame LCD Monitor
P6171 AXIOMTEK-P6171_17 Datasheet
285Kb / 2P
   17 SXGA TFT Industrial LCD Monitor
logo
LG Semicon Co.,Ltd.
LB170E01-SL01 LG-LB170E01-SL01 Datasheet
1Mb / 33P
   17??SXGA TFT LCD
logo
AAEON Technology
OPD-217A AAEON-OPD-217A Datasheet
244Kb / 2P
   17??TFT SXGA LCD
logo
DFI Inc
IDP170 DFI-IDP170 Datasheet
499Kb / 2P
   17" Industrial Touch Monitor
logo
Advantech Co., Ltd.
96KVM-R17V1C-XX ADVANTECH-96KVM-R17V1C-XX Datasheet
96Kb / 1P
   1U 17 LCD Console Drawer
logo
NEC
E171M-BK NEC-E171M-BK Datasheet
1Mb / 2P
   NEC LCD 17 Commercial Display
logo
Axiomtek Co., Ltd.
LS-320 AXIOMTEK-LS-320 Datasheet
104Kb / 1P
   Industrial LCD Monitor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com