Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS2509 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS2509
Descripción Electrónicos  3A / 500KHz PWM Buck Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2509 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2509 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2509 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2509 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2509 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2509 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2509 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2509 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2509 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2509 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS2509
3A / 500KHz PWM Buck Converter
3/9
Version: A09
Application Circuit
MLCC
Compensation Capacitor Selection (MLCC)
VIN
VOUT
L1
R3
C7
C1
7~23V
5.0/3.3/2.5V
15uH
2.2K
330pF
1nF
7~20V
1.8/1.5V
10uH
2K
330pF
1nF
9~20V
1.2V
10uH
2K
330pF
820pF
9~18V
1.1V
10uH
2K
560pF
820pF
9~18V
1.0V
10uH
2K
560pF
680pF
4~10V
3.3/2.5V
15uH
6.8K
330pF
1nF
4~10V
1.8/1.5/1.2/ 1.1/1.0V
10uH
4.7K
330pF
1nF
EL CAP
Compensation Capacitor Selection (EL CAP)
VIN
VOUT
L1
R3
C7
C1
7-20V
5.0/3.3/2.5/1.8V
Coil
3.9K
10nF
1nF
7-20V
1.8/1.5V
Coil
2K
10nF
1nF
5-7V
3.3/2.5/1.8/1.5/1.2V
Coil
2K
10nF
1nF
5-20V
3.3/2.5/1.8/1.5/1.2V
SMD
0.82K
10nF
1nF


Número de pieza similar - TS2509

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS2509 TSC-TS2509 Datasheet
502Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2509CSRL TSC-TS2509CSRL Datasheet
502Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2509 TSC-TS2509_13 Datasheet
502Kb / 9P
   3A / 500KHz PWM Buck Converter
More results

Descripción similar - TS2509

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS2509 TSC-TS2509_13 Datasheet
502Kb / 9P
   3A / 500KHz PWM Buck Converter
logo
Fitipower Integrated Te...
FR9806 FITIPOWER-FR9806 Datasheet
942Kb / 12P
   21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
logo
Analog Microelectronics
AME5107 AME-AME5107 Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
logo
Taiwan Semiconductor Co...
TS2515 TSC-TS2515 Datasheet
205Kb / 7P
   3A / 380KHz PWM Buck Converter
TS2508A TSC-TS2508A_12 Datasheet
203Kb / 8P
   3A / 330KHz PWM Buck Converter
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
   3A / 330KHz PWM Buck Converter
logo
Diodes Incorporated
AP6508 DIODES-AP6508 Datasheet
999Kb / 14P
   500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com