Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3410 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS3410
Descripción Electrónicos  1A / 1.5MHz Synchronous Buck Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3410 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS3410 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS3410
1A / 1.5MHz Synchronous Buck Converter
4/7
Version: A08
Function Description (Continue)
Maximum Load Current
The TS3410 will operate with input supply voltage as low as 2.5V, however, the maximum load current decreases at
lower input due to large IR drop on the main switch and synchronous rectifier. The slope compensation signal reduces
the peak inductor current as a function of the duty cycle to prevent sub-harmonic oscillations at duty cycles greater than
50%. Conversely the current limit increases as the duty cycle decreases.
Application Information
Setting the Output Voltage
Application circuit item shows the basic application circuit with TS3410 adjustable output version. The external resistor
sets the output voltage according to the following equation:
Inductor Selection
For most designs, the TS3410 operates with inductors of 1µH to 4.7µH. Low inductance values are physically smaller
but require faster switching, which results in some efficiency loss. The inductor value can be derived from the following
equation:
Where is inductor Ripple Current. Large value inductors lower ripple current and small value inductors result in high
ripple currents. Choose inductor ripple current approximately 35% of the maximum load current 1A, ∆IL=350mA.
For output voltages above 2.0V, when light-load efficiency is important, the minimum recommended inductor is 2.2µH.
For optimum voltage-positioning load transients, choose an inductor with DC series resistance in the 50mΩ to 150mΩ
range. For higher efficiency at heavy loads (above 200mA), or minimal load regulation (but some transient overshoot),
the resistance should be kept below 100mΩ. The DC current rating of the inductor should be at least equal to the
maximum load current plus half the ripple current to prevent core saturation (1A+170mA).
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching noise from the device. The input
capacitor impedance at the switching frequency shall be less than input source impedance to prevent high frequency
switching current passing to the input. A low ESR input capacitor sized for maximum RMS current must be used.
Ceramic capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR and small
temperature coefficients. A 4.7µF ceramic capacitor for most applications is sufficient.
Table 1: Resistor Select for Output Voltage Setting
VOUT
R2
R1
1.2V
300K
300K
1.5V
300K
450K
1.8V
300K
600K
2.5V
300K
950K
Table 2: Inductor Select for Output Voltage Setting (Vcc-3.6V)
VOUT
1.2V
1.5V
1.8V
2.5V
Inductor
2.2uH
2.2uH
2.2uH
2.2uH
Part Number
WE-TPC
7440430027
7440430027
7440430027
7440430022
Note: Part Type MH or M (www.we-online.com)


Número de pieza similar - TS3410

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS3410CX5RF TSC-TS3410CX5RF Datasheet
463Kb / 10P
   1A / 1.4MHz Synchronous Buck Converter
TS3410 TSC-TS3410_10 Datasheet
463Kb / 10P
   1A / 1.4MHz Synchronous Buck Converter
More results

Descripción similar - TS3410

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHANGHAI BELLING CO., L...
BL8024 BELLING-BL8024 Datasheet
593Kb / 6P
   1A 1.5MHz 6V Synchronous Buck Converter
BL8025 BELLING-BL8025 Datasheet
595Kb / 6P
   1A 1.5MHz 6V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721G ACE-ACE721G Datasheet
551Kb / 11P
   5V 1A, 1.5MHz Synchronous Buck Converter
VER 1.1
logo
Anpec Electronics Corop...
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
   1.5MHz, 1A Synchronous Buck Regulator
APW7178A ANPEC-APW7178A Datasheet
266Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com