Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS2596SCS50RL Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS2596SCS50RL
Descripción Electrónicos  2A / 150KHz Buck Dc-Dc Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596SCS50RL Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2596SCS50RL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596SCS50RL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596SCS50RL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596SCS50RL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596SCS50RL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596SCS50RL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596SCS50RL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596SCS50RL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2596SCS50RL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS2596S
2A / 150KHz Buck Dc-Dc Converter
3/9
Version: B07
Block Diagram
Typical Application Circuit
1. Adjustable Output Voltage Version
Resistor select for output voltage setting
Vout
R1
R2
4.7K
1.5K
5V
5.6K
1.8K
2.5K
1.5K
3.3V
3.0K
1.8K
2.5V
1.8K
1.8K
1.8V
0.82K
1.8K


Número de pieza similar - TS2596SCS50RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS2596SCS TSC-TS2596SCS Datasheet
578Kb / 10P
   2A / 150KHz Buck Dc-Dc Converter
TS2596SCSRL TSC-TS2596SCSRL Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
More results

Descripción similar - TS2596SCS50RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S Datasheet
578Kb / 10P
   2A / 150KHz Buck Dc-Dc Converter
logo
YOBON TECHNOLOGIES,INC.
YB1693 YOBON-YB1693 Datasheet
296Kb / 8P
   2A / 150KHz Buck DC-DC Converter
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_09 Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
   2A 150KHz PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com