Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC4505CTA3 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSC4505CTA3
Descripción Electrónicos  High Voltage NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC4505CTA3 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC4505CTA3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC4505CTA3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC4505CTA3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC4505CTA3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC4505CTA3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSC4505
High Voltage NPN Transistor
1/5
Version: A07
SOT-23
TO-92
PRODUCT SUMMARY
BVCEO
400V
BVCBO
400V
IC
300mA
VCE(SAT)
0.1V @ IC / IB = 10mA / 1mA
Features
Low VCE(SAT) 0.15V @ IC / IB = 10mA / 10mA (Typ.)
Complementary part with TSA1759
Structure
Epitaxial Planar Type
NPN Silicon Transistor
Ordering Information
Part No.
Package
Packing
TSC4505CX RF
SOT-23
3Kpcs / 7” Reel
TSC4505CT B0
TO-92
1Kpcs / Bulk
TSC4505CT A3
TO-92
2Kpcs / Ammo
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
300
mA
SOT-23
0.225
Collector Power Dissipation
TO-92
PD
0.6
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. Single pulse, Pw=20ms, Duty≤50%
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = 50uA, IE = 0
BVCBO
400
--
--
V
Collector-Emitter Breakdown Voltage
IC = 1mA, IB = 0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE = 50uA, IC = 0
BVEBO
6
--
--
V
Collector Cutoff Current
VCB = 400V, IE = 0
ICBO
--
--
10
uA
Collector-Emitter Reverse Current
VCE = 300V, REB = 4kΩ
ICER
--
--
20
nA
Emitter Cutoff Current
VEB = 6V, IC = 0
IEBO
--
--
10
uA
Collector-Emitter Saturation Voltage
IC / IB = 10mA / 1mA
VCE(SAT)
--
0.1
0.5
V
Base-Emitter Saturation Voltage
IC / IB = 10mA / 1mA
VBE(SAT)
--
--
1.5
V
DC Current Transfer Ratio
VCE = 10V, IC = 10mA
hFE
100
--
270
Transition Frequency
VCE =10V, IC=-10mA,
f=10MHz
fT
--
20
--
MHz
Output Capacitance
VCB = 10V, IE = 0, f=1MHz
Cob
--
7
--
pF
Pin Definition:
1. Base
2. Emitter
3. Collector
Pin Definition:
1. Emitter
2. Base
3. Collector


Número de pieza similar - TSC4505CTA3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSC4505CXRF TSC-TSC4505CXRF Datasheet
94Kb / 4P
   High Voltage NPN Transistor
TSC4505CXRFG TSC-TSC4505CXRFG Datasheet
94Kb / 4P
   High Voltage NPN Transistor
More results

Descripción similar - TSC4505CTA3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com