Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XPB-4910LWG Datasheet(PDF) 9 Page - Optoway Technology Inc

No. de pieza XPB-4910LWG
Descripción Electrónicos  1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPB-4910LWG Datasheet(HTML) 9 Page - Optoway Technology Inc

  XPB-4910LWG Datasheet HTML 1Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 2Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 3Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 4Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 5Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 6Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 7Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 8Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Optoway
XPB-4910LWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
2008/11/1
V1.0
9
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
2008/8/1


Número de pieza similar - XPB-4910LWG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
XPB-4920BLWG OPTOWAY-XPB-4920BLWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4920LWG OPTOWAY-XPB-4920LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4940BLWG OPTOWAY-XPB-4940BLWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4940LWG OPTOWAY-XPB-4940LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
More results

Descripción similar - XPB-4910LWG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
XPB-4810LWG OPTOWAY-XPB-4810LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4840LWG OPTOWAY-XPB-4840LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4820LWG OPTOWAY-XPB-4820LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4920LWG OPTOWAY-XPB-4920LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4940LWG OPTOWAY-XPB-4940LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2840LWG OPTOWAY-XPB-2840LWG_09 Datasheet
240Kb / 9P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2920LWG OPTOWAY-XPB-2920LWG Datasheet
287Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2940LWG OPTOWAY-XPB-2940LWG_09 Datasheet
241Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2810LWG OPTOWAY-XPB-2810LWG_09 Datasheet
240Kb / 9P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2910LWG OPTOWAY-XPB-2910LWG Datasheet
287Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com