Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XPB-4910LWG Datasheet(PDF) 1 Page - Optoway Technology Inc

No. de pieza XPB-4910LWG
Descripción Electrónicos  1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPB-4910LWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  XPB-4910LWG Datasheet HTML 1Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 2Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 3Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 4Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 5Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 6Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 7Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 8Page - Optoway Technology Inc XPB-4910LWG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Optoway
XPB-4910LWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
2008/11/1
V1.0
1
XPB-4910LWG / XPS-4910BLWG
(RoHS Compliant)
1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
1-Fiber Bi-Directional SFP Optical Transceiver
Up to 8.5 Gbps Bi-directional Data Links
Compliant with XFP MSA
Compliant with 8G FC-BX
Compliant with 4G and 2G Fibre Channel
SFF-8472 Digital Diagnostic Function
Simplex LC Connector
1330 nm DFB LD Transmitter
1270 nm Receiver
Distance Up to 10 km
2-Wire Interface for Integrated Digital Diagnostic
Monitoring
XFI Lookback Mode
No reference Clock required
Only Required +3.3 V Power Supply
Power Consumption < 2 W
RoHS Compliant
0 to 70oC Operating : XPB-4910LWG
-10 to 85oC Operating : XPB-4910BLWG
Simplex LC Connector
APPLICATIONS
8G Fibre Channel Links
LASER SAFETY
This single-mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
DESCRIPTION
XPB-4910LWG series transceiver is single mode
transceiver is for bi-directional serial optical data
communications such as 8x/4x/2x FC-BX by using 1330 nm
transmitter and 1270 nm receiver..
The transceiver consists of two sections: The transmitter
section uses a multiple quantum well 1330 nm DFB laser
and is a class 1 laser compliant according to International
Safety Standard IEC 60825. The receiver section uses an
integrated 1270 nm detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC.
The module is with the XFP 30-pin connector to allow
hot plug capability. Integrated Tx and Rx signal conditioners
provide high jitter-tolerance for full XFI compliance and no
external reference clock required. The internally ac coupled
high speed serial I/O simplifies interfacing to external
circuitry. Only single 3.3V power supply is needed. The
optical output can be disabled by LVTTL logic high-level
input of TX_DIS. Loss of signal (RX_LOS) output is
provided to indicate the loss of an input optical signal of
receiver.
A serial EEPROM in the transceiver allows the user to
access transceiver digital diagnostic monitoring and
configuration data via the 2-wire XFP Management
Interface. This interface uses a single address, A0h, with a
memory map divided into a lower and upper area. Basic
digital diagnostic data is held in the lower area while specific
data is held in a series of tables in the high memory area.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
FC-PI-4
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
RoHS
Compliant
XPB-4910LWG
8 / 4 / 2
BX
10
1330 DFB
1270
LC XFP with DMI
0 to 70
Yes
XPB-4910BLWG
8 / 4 / 2
BX
10
1330 DFB
1270
LC XFP with DMI
-10 to 85
Yes


Número de pieza similar - XPB-4910LWG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
XPB-4920BLWG OPTOWAY-XPB-4920BLWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4920LWG OPTOWAY-XPB-4920LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4940BLWG OPTOWAY-XPB-4940BLWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4940LWG OPTOWAY-XPB-4940LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
More results

Descripción similar - XPB-4910LWG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
XPB-4810LWG OPTOWAY-XPB-4810LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4840LWG OPTOWAY-XPB-4840LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4820LWG OPTOWAY-XPB-4820LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4920LWG OPTOWAY-XPB-4920LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4940LWG OPTOWAY-XPB-4940LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2840LWG OPTOWAY-XPB-2840LWG_09 Datasheet
240Kb / 9P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2920LWG OPTOWAY-XPB-2920LWG Datasheet
287Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2940LWG OPTOWAY-XPB-2940LWG_09 Datasheet
241Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2810LWG OPTOWAY-XPB-2810LWG_09 Datasheet
240Kb / 9P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2910LWG OPTOWAY-XPB-2910LWG Datasheet
287Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com