Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XPS-4120WG Datasheet(PDF) 1 Page - Optoway Technology Inc

No. de pieza XPS-4120WG
Descripción Electrónicos  8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-4120WG Datasheet(HTML) 1 Page - Optoway Technology Inc

  XPS-4120WG Datasheet HTML 1Page - Optoway Technology Inc XPS-4120WG Datasheet HTML 2Page - Optoway Technology Inc XPS-4120WG Datasheet HTML 3Page - Optoway Technology Inc XPS-4120WG Datasheet HTML 4Page - Optoway Technology Inc XPS-4120WG Datasheet HTML 5Page - Optoway Technology Inc XPS-4120WG Datasheet HTML 6Page - Optoway Technology Inc XPS-4120WG Datasheet HTML 7Page - Optoway Technology Inc XPS-4120WG Datasheet HTML 8Page - Optoway Technology Inc XPS-4120WG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Optoway
XPS-4120WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2008/5/1
V1.0
1
XPS-4120WG / XPS-4120BWG / XPS-4120AWG
(RoHS Compliant)
8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
**********************************************************************************************************************************************************************
FEATURES
l Up to 8.5 Gb/s Bi-directional Data Link
l Complaint to XFP MSA
l Compliance with Fibre Channel FC-PI-4 800-SM-LL-L
l Compliant with 4G and 2G Fibre Channel
l 1310 nm DFB LD Transmitter
l AC/AC Coupling according to MSA
l 2 to 20,000 m at 8.5 Gbps
l 2-Wire Interface for Integrated Digital Diagnostic
Monitoring
l XFI Loopback Mode
l No reference clock required
l Low Power Dissipation < 2W
l Only Required +3.3 V Power Supply
l RoHS 6/6 Compliant
l 0 to 70oC Operating: XPS-4120WG
l -10 to 85oC Operating: XPS-4120BWG
l -40 to 85oC Operating: XPS-4120AWG
l Duplex LC Connector
APPLICATIONS
l Multi-rate 8x/4x/2x Fiber Channel
STANDARD
l Compliant with XFP MSA
l Compliant with 8G FC
DESCRIPTION
XPS-4120WG series multi-rate 8G XFP transceiver is
designed for serial optical data communications such as 8G
Fiber Channel. It supports
the 8.5Gbps transmission on
9/125
µm SMF.
The transceiver consists of two sections: The transmitter
section consists of a directly modulated 1310 nm multiple
quantum well DFB laser, driver and signal conditioner. The
receiver section incorporates a PIN photodiode integrated
with a trans-impedance preamplifier (TIA) and signal
conditioner.
The module is with the XFP 30-pin connector to allow
hot plug capability. Integrated Tx and Rx signal conditioners
provide high jitter-tolerance for full XFI compliance and no
external reference clock required. The internally ac coupled
high speed serial I/O simplifies interfacing to external
circuitry. Only single 3.3V power supply is needed. The
optical output can be disabled by LVTTL logic high-level
input of TX_DIS. Loss of signal (RX_LOS) output is
provided to indicate the loss of an input optical signal of
receiver.
A serial EEPROM in the transceiver allows the user to
access
transceiver digital diagnostic monitoring and
configuration data via the 2-wire XFP Management
Interface. This interface uses a single address, A0h, with a
memory map divided into a lower and upper area. Basic
digital diagnostic data is held in the lower area while specific
data is held in a series of tables in the high memory area.
LASER SAFETY
This transceiver is a Class 1 laser product. It complies with
IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The
transceiver
must
be
operated
within
the
specified
temperature and voltage limits. The optical ports of the
module shall be terminated with an optical connector or with
a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
Wavelength
(nm)
Package
Connector
Temp
(
oC)
RoHS
Compliant
XPS-4120WG
8 / 4 / 2
20
1310 DFB
XFP with DMI
LC
0 to 70
Yes
XPS-4120BWG
8 / 4 / 2
20
1310 DFB
XFP with DMI
LC
-10 to 85
Yes
XPS-4120AWG
8 / 4 / 2
20
1310 DFB
XFP with DMI
LC
-40 to 85
Yes


Número de pieza similar - XPS-4120WG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
XPS-4102AWG OPTOWAY-XPS-4102AWG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4102BWG OPTOWAY-XPS-4102BWG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4102WG OPTOWAY-XPS-4102WG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4110AWG OPTOWAY-XPS-4110AWG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4110BWG OPTOWAY-XPS-4110BWG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
More results

Descripción similar - XPS-4120WG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
XPS-4140WG OPTOWAY-XPS-4140WG Datasheet
228Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4102WG OPTOWAY-XPS-4102WG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4110WG OPTOWAY-XPS-4110WG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPM-4100WG OPTOWAY-XPM-4100WG Datasheet
239Kb / 9P
   8.5Gb/s 850 nm XFP Multi-Mode Optical Transceiver for 8G FC Applications
XPS-43100WG OPTOWAY-XPS-43100WG Datasheet
235Kb / 9P
   8.5Gb/s 1550 nm / 100 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4380WG OPTOWAY-XPS-4380WG Datasheet
236Kb / 9P
   8.5Gb/s 1550 nm / 80 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4310W-CXX0G OPTOWAY-XPS-4310W-CXX0G Datasheet
233Kb / 9P
   3.3V / CWDM / 8.5Gbps XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4340W-CXX0G OPTOWAY-XPS-4340W-CXX0G Datasheet
233Kb / 9P
   3.3V / CWDM / 8.5Gbps XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4341W-CXX0G OPTOWAY-XPS-4341W-CXX0G Datasheet
234Kb / 9P
   8.5 Gbps/ 40 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-CXX0G OPTOWAY-XPS-4381W-CXX0G Datasheet
229Kb / 9P
   8.5 Gbps/ 80 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com