Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSM2N7000KCTA3 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSM2N7000KCTA3
Descripción Electrónicos  60V N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N7000KCTA3 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM2N7000KCTA3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N7000KCTA3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N7000KCTA3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N7000KCTA3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N7000KCTA3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSM2N7000K
60V N-Channel MOSFET
1/5
Version: A09
TO-92
Features
Low On-Resistance
ESD Protection
High Speed Switching
Low Voltage Drive
Ordering Information
Part No.
Package
Packing
TSM2N7000KCT B0
TO-92
1Kpcs / Bulk
TSM2N7000KCT A3
TO-92
2Kpcs / Ammo
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous @ TA=25ºC
ID
300
Drain Current
Pulsed
IDM
700
mA
Continuous @ TA=25ºC
IDR
300
Drain Reverse Current
Pulsed
IDMR
700
mA
Maximum Power Dissipation
PD
400
mW
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Lead Temperature (1/8” from case)
TL
10
S
Junction to Ambient Thermal Resistance (PCB mounted)
JA
357
ºC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 5 sec.
Block Diagram
N-Channel MOSFET
Pin Definition:
1. Source
2. Gate
3. Drain
PRODUCT SUMMARY
VDS (V)
RDS(on)(Ω)
ID (mA)
5 @ VGS = 10V
100
60
5.5 @ VGS = 5V
100


Número de pieza similar - TSM2N7000KCTA3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM2N7000KCTA3 TSC-TSM2N7000KCTA3 Datasheet
168Kb / 6P
   60V N-Channel MOSFET
More results

Descripción similar - TSM2N7000KCTA3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com