Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMV2021-000 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

No. de pieza SMV2021-000
Descripción Electrónicos  Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV2021-000 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMV2021-000 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV2021-000 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV2021-000 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV2021-000 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV2021-000 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data Sheet • SMV2019–SMV2023
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200138 Rev. D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • December 18, 2008
3
DIODE
Varactor_Diode
AREA = 1
MODEL = Diode_Model
MODE = nonlinear
RES
RS
R = RS
PORT
P_anode
port = 1
PORT
P_Cathode
port = 2
DIODEM
Diode_Model
IS = 1.00e-14
RS = RS
N = 1, 2
TT = 0
CJO = CJO
M = M
VJ = VJ
EG = 1.11
XTI = 3
KF =0
AF =1
FC = 0.5
BV = 22
IBV = 1e-5
ISR = 0
NR = 2
IKF = 0
NBV = 1
IBVL = 0
NBVL = 1
TBV1 = 0
TNOM = 27
FFE = 1
SPICE Model
Part
CJO
VJ
Rs
Number
(pF)
(V)
M
(
Ω)
SMV2019
2.3
3.5
1.4
4.8
SMV2020
3.3
3.6
1.3
4.1
SMV2021
4.5
3.9
1.34
2.8
SMV2022
7.1
4
1.4
2.2
SMV2023
10.8
4.6
1.45
1.4
Typical Capacitance Values
SMV2019
SMV2020
SMV2021
SMV2022
SMV2023
VR (V)
CJ (pF)
CJ (pF)
CJ (pF)
CJ (pF)
CJ (pF)
0
2.25
3.14
4.48
7.08
10.76
0.5
1.79
2.5
3.57
5.66
8.76
1
1.53
2.16
3.09
4.88
7.67
2
1.19
1.72
2.45
3.89
6.31
3
0.99
1.44
2.09
3.19
5.38
4
0.84
1.24
1.83
2.71
4.75
5
0.71
1.07
1.6
2.3
4.21
6
0.57
0.9
1.37
1.87
3.66
7
0.46
0.74
1.17
1.52
3.17
8
0.38
0.61
0.97
1.25
2.68
9
0.33
0.52
0.81
1.07
2.25
10
0.29
0.46
0.69
0.94
1.89
11
0.26
0.42
0.61
0.85
1.66
12
0.24
0.38
0.56
0.78
1.49
13
0.23
0.36
0.51
0.73
1.35
14
0.21
0.34
0.48
0.69
1.24
15
0.2
0.32
0.45
0.65
1.16
16
0.19
0.31
0.43
0.62
1.1
17
0.19
0.29
0.41
0.59
1.04
18
0.18
0.28
0.39
0.57
0.99
19
0.17
0.27
0.38
0.55
0.95
20
0.16
0.26
0.36
0.54
0.91
SPICE model parameters extracted from measured characteristics may not reflect exact
physical or electronic properties. See application note APN1004.
CV =
1+
CJ0
M
VR
VJ
0.010 (0.254 mm) Min.
0.014 (0.356 mm) Max. Sq.
Anode Metallized Gold Dot
0.002 (0.051 mm) Dia. Min.
Cathode Metallized Back
Contact: Gold
Silicon
0.004 (0.127 mm) Min.
0.006 (0.152 mm) Max.
149-801


Número de pieza similar - SMV2021-000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Industries
SMV2021-000 ALPHA-SMV2021-000 Datasheet
287Kb / 2P
   Silicon Hyperabrupt Varactor Diode Chips
More results

Descripción similar - SMV2021-000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
CLA SKYWORKS-CLA Datasheet
177Kb / 12P
   Silicon Limiter Diodes, Packaged and Bondable Chips
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com