Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD17306Q5A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD17306Q5A
Descripción Electrónicos  30V, N-Channel NexFET??Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD17306Q5A Datasheet(HTML) 4 Page - Texas Instruments

  CSD17306Q5A Datasheet HTML 1Page - Texas Instruments CSD17306Q5A Datasheet HTML 2Page - Texas Instruments CSD17306Q5A Datasheet HTML 3Page - Texas Instruments CSD17306Q5A Datasheet HTML 4Page - Texas Instruments CSD17306Q5A Datasheet HTML 5Page - Texas Instruments CSD17306Q5A Datasheet HTML 6Page - Texas Instruments CSD17306Q5A Datasheet HTML 7Page - Texas Instruments CSD17306Q5A Datasheet HTML 8Page - Texas Instruments CSD17306Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VDS - Drain-to-Source Voltage - V
0
0.2
0.4
0.6
0.8
1
0
10
20
30
40
50
60
70
80
VGS = 2.5V
VGS = 3V
VGS = 3.5V
VGS = 4.5V
VGS = 8V
G001
VGS - Gate-to-Source Voltage - V
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
70
80
TC = -55°C
TC = 25°C
TC = 125°C
G002
VDS = 5V
Qg - Gate Charge - nC
0
5
10
15
20
0
1
2
3
4
5
6
7
8
G003
ID = 22A
VDS = 15V
VDS - Drain-to-Source Voltage - V
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G004
f = 1MHz
VGS = 0V
TC - Case Temperature - °C
-75
-25
25
75
125
175
0
0.2
0.4
0.6
0.8
1
1.2
1.4
G005
ID = 250µA
VGS - Gate-to-Source Voltage - V
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
TC = 25°C
TC = 125°C
G006
ID = 22A
CSD17306Q5A
SLPS253 – FEBRUARY 2010
www.ti.com
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 4. Gate Charge
Figure 5. Capacitance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 6. Threshold Voltage vs. Temperature
Figure 7. On-State Resistance vs. Gate-to-Source Voltage
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CSD17306Q5A


Número de pieza similar - CSD17306Q5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17306Q5A TI1-CSD17306Q5A Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP and D-CAP2 Controller with 2-Bit Flexible VID Control
More results

Descripción similar - CSD17306Q5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17571Q2 TI1-CSD17571Q2 Datasheet
908Kb / 11P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
CSD17305Q5A TI-CSD17305Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A_101 TI-CSD17301Q5A_101 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17507Q5A TI-CSD17507Q5A_10 Datasheet
347Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com