Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT821D Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74ABT821D
Descripción Electrónicos  10-bit D-type flip-flop; positive-edge trigger; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT821D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ABT821D Datasheet HTML 7Page - NXP Semiconductors 74ABT821D Datasheet HTML 8Page - NXP Semiconductors 74ABT821D Datasheet HTML 9Page - NXP Semiconductors 74ABT821D Datasheet HTML 10Page - NXP Semiconductors 74ABT821D Datasheet HTML 11Page - NXP Semiconductors 74ABT821D Datasheet HTML 12Page - NXP Semiconductors 74ABT821D Datasheet HTML 13Page - NXP Semiconductors 74ABT821D Datasheet HTML 14Page - NXP Semiconductors 74ABT821D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
74ABT821_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 25 February 2010
11 of 16
NXP Semiconductors
74ABT821
10-bit D-type flip-flop; positive-edge trigger; 3-state
Fig 10. Package outline SOT340-1 (SSOP24)
UNIT
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.21
0.05
1.80
1.65
0.38
0.25
0.20
0.09
8.4
8.0
5.4
5.2
0.65
1.25
7.9
7.6
0.9
0.7
0.8
0.4
8
0
o
o
0.13
0.1
0.2
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.2 mm maximum per side are not included.
1.03
0.63
SOT340-1
MO-150
99-12-27
03-02-19
X
w M
θ
A
A1
A2
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
112
24
13
0.25
y
pin 1 index
0
2.5
5 mm
scale
SSOP24: plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
A
max.
2


Número de pieza similar - 74ABT821D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT821D PHILIPS-74ABT821D Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT821DB PHILIPS-74ABT821DB Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
More results

Descripción similar - 74ABT821D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
MB2821 PHILIPS-MB2821 Datasheet
112Kb / 9P
   Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
August 24, 1993
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
   Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
   Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com