Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7SP381WBG Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC7SP381WBG
Descripción Electrónicos  CMOS Digital Integrated Circuit Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SP381WBG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SP381WBG Datasheet HTML 1Page - Toshiba Semiconductor TC7SP381WBG Datasheet HTML 2Page - Toshiba Semiconductor TC7SP381WBG Datasheet HTML 3Page - Toshiba Semiconductor TC7SP381WBG Datasheet HTML 4Page - Toshiba Semiconductor TC7SP381WBG Datasheet HTML 5Page - Toshiba Semiconductor TC7SP381WBG Datasheet HTML 6Page - Toshiba Semiconductor TC7SP381WBG Datasheet HTML 7Page - Toshiba Semiconductor TC7SP381WBG Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC7SP381WBG
2009-01-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SP381WBG
Dual supply 2-Input Exclusive-NOR Gate with Level Translator
The TC7SP381 is a dual supply, advanced high-speed CMOS
2-input dual supply voltage interface Exclusive-NOR gate
fabricated with silicon gate CMOS technology.
It is also designed with over voltage tolerant inputs and
outputs up to 3.6 V.
Designed for use as an interface between a 1.2-V, 1.5-V, 1.8-V,
or 2.5-V bus and a 1.8-V, 2.5-V or 3.3-V bus in mixed 1.2-V, 1.5-V,
1.8-V or 2.5-V/1.8-V, 2.5-V or 3.3-V supply systems.
All inputs are equipped with protection circuits against static
discharge.
Features
• Level converter for interfacing 1.2-V to 1.8-V, 1.2-V to 2.5-V, 1.2-V to 3.3-V, 1.5-V to 2.5-V, 1.5-V to 3.3-V, 1.8-V to
2.5-V, 1.8-V to 3.3-V or 2.5 V to 3.3-V system.
• High-speed operation :
tpd = 6.8 ns (max) (VCCA = 2.5 ± 0.2 V, VCCB = 3.3 ± 0.3 V)
tpd = 7.8 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 3.3 ± 0.3 V)
tpd = 9.0 ns (max) (VCCA = 1.5 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
tpd = 31 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
tpd = 9.5 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 2.5 ± 0.2 V)
tpd = 10.5 ns (max) (VCCA = 1.5 ± 0.1 V, VCCB = 2.5 ± 0.2 V)
tpd = 32 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 2.5 ± 0.2 V)
tpd = 37 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 1.8 ± 0.15 V)
• Output current :
IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
IOH/IOL = ±9mA (min) (VCC = 2.3 V)
IOH/IOL = ±3 mA (min) (VCC = 1.65 V)
• Latch-up performance:
-
300 mA
• ESD performance:
Machine model
≥ ±200 V
Human body model
≥ ±2000 V
• Ultra-small package:
WCSP6
• Power-down protection is provided on all inputs and outputs
S-WFBGA6-0102-0.40A01
Weight: 1 mg (typ.)
Preliminary


Número de pieza similar - TC7SP381WBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SP386WBG TOSHIBA-TC7SP386WBG Datasheet
247Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Descripción similar - TC7SP381WBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com