Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADAM-4019+ Datasheet(PDF) 1 Page - Advantech Co., Ltd.

No. de pieza ADAM-4019+
Descripción Electrónicos  8-ch Analog Input Module with Modbus
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4019+ Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4019+ Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RS-485 I/O Modules
RoHS
COMPLIANT
2002/95/EC
ADAM-4017+
RoHS
COMPLIANT
2002/95/EC
8-ch Analog Input Module with
Modbus
8-ch Thermocouple Input Module
with Modbus
8-ch Universal Analog Input Module
with Modbus
Specifications
General
Power Consumption 0.8 W @ 24 VDC
Watchdog Timer
System (1.6 second) &
Communication
Supported Protocols ASCII command and
Modbus/RTU
Analog Input
Channels
8 differential
Channel Independent Yes
Configuration
Input Impedance
Voltage: 20 M
Current: 120
lnput Type
Thermocouple, mA
Voltage/Current
ADAM-4018+
Input Range
0 ~ 20 mA, 4 ~ 20 mA
T/C Types and Temperature Ranges
J
0 ~ 760° C
R
500 ~ 1,750° C
K
0 ~ 1,370° C
S
500 ~ 1,750° C
T
-100 ~ 400° C
B
500 ~ 1,800° C
E
0 ~ 1,000° C
Burn-out Detection
All T/C
ADAM-4017+
ADAM-4018+
ADAM-4019+
ADAM-4018+
ADAM-4019+
Specifications
General
Power Consumption 1.0 W @ 24 VDC
Watchdog Timer
System (1.6 second) &
Communication
Supported Protocols ASCII command and
Modbus/RTU
Analog Input
Channels
8 differential channels for
individual input type
Channel Independent Yes
Configuration
Input Impedance
Voltage: 20 M
Current: 120
Input Type
T/C, mV, V, mA
Voltage/Current
±1 V, ±2.5 V, ±5 V,
Input Range
±10 V, ±100 mV,
±500 mV, ±20 mA,
4 ~ 20 mA
T/C Types and Temperature Ranges
J
0 ~ 760 °C
R
500 ~ 1,750 °C
K
0 ~ 1370 °C
S
500 ~ 1,750 °C
T
-100 ~ 400 °C
B
500 ~ 1,800 °C
E
0 ~ 1,000 °C
Burn-out Detection
4 ~ 20 mA & all T/C
Specifications
General
Power Consumption 1.2 W @ 24 VDC
Watchdog Timer
System (1.6 second) &
Communication
Supported Protocols ASCII command and
Modbus/RTU
Analog Input
Channels
8 differential
Channel Independent Yes
Configuration
Input Impedance
Voltage: 20 M
Current: 120
lnput Type
mV, V, mA
lnput Range
ADAM-4017+
±150 mV, ±500 mV, ±1 V,
±5 V, ±10 V, ±20 mA,
4 ~ 20 mA
Ordering Information
ADAM-4017+
8-ch Analog Input
Module with Modbus
ADAM-4018+
8-ch Thermocouple
Input Module w/Modbus
ADAM-4019+
8-ch Universal Analog
Input Module w/Modbus
Common Specifications
General
Power Input
Unregulated 10 ~ 30 VDC
Connectors
2 x plug-in terminal block
(#14 ~ 22 AWG)
Analog Input
Accuracy
Voltage mode: ±0.1% or
better
Current mode: ±0.2% or
better
Resolution
16-bit
Sampling Rate
10 sample/second (total)
Isolation Voltage
3,000 VDC
Overvoltage Protection ±35 VDC
CMR @ 50/60 Hz
120 dB
NMR @ 50/60 Hz
100 dB
Span Drift
±25 ppm/° C
Zero Drift
±6 μV/° C
Built-in TVS/ESD Protection
Environment
Humidity
5 ~ 95% RH
Operating
-10 ~ 70° C
Temperature
(14 ~ 158° F)
Storage Temperature -25 ~ 85°C
(-13 ~ 185° F)
RoHS
COMPLIANT
2002/95/EC


Número de pieza similar - ADAM-4019+

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
ADAM-4019++ ADVANTECH-ADAM-4019+ Datasheet
83Kb / 1P
   8-ch Analog Input Modules with Modbus
More results

Descripción similar - ADAM-4019+

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
ADAM-4520I ADVANTECH-ADAM-4520I Datasheet
699Kb / 1P
   Robust 8-ch Analog Input Module with Modbus
ADAM-4117 ADVANTECH-ADAM-4117_15 Datasheet
307Kb / 1P
   Robust 8-ch Analog Input Module with Modbus
ADAM-4018 ADVANTECH-ADAM-4018 Datasheet
83Kb / 1P
   8-ch Analog Input Modules with Modbus
ADAM-6217 ADVANTECH-ADAM-6217_14 Datasheet
1Mb / 2P
   8-ch Isolated Analog Input Modbus TCP Module
ADAM-4118 ADVANTECH-ADAM-4118 Datasheet
703Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
ADAM-4118 ADVANTECH-ADAM-4118_15 Datasheet
298Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
ADAM-4118 ADVANTECH-ADAM-4118_V01 Datasheet
516Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
13-Aug-2021
ADAM-4016 ADVANTECH-ADAM-4016 Datasheet
286Kb / 1P
   1-ch Analog Input/Output Module, 8-ch Analog Input Module
ADAM-5017 ADVANTECH-ADAM-5017_14 Datasheet
256Kb / 1P
   8-ch Ultra High Speed Analog Input Module
ADAM-6224 ADVANTECH-ADAM-6224_14 Datasheet
1Mb / 2P
   4-ch Isolated Analog Output Modbus TCP Module
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com