Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MVL-5A4SO Datasheet(PDF) 2 Page - Unity Opto Technology

No. de Pieza. MVL-5A4SO
Descripción  T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  UOT [Unity Opto Technology]
Página de inicio  http://www.unityopto.com.tw
Logo 

MVL-5A4SO Datasheet(HTML) 2 Page - Unity Opto Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MVL-5A4SO
Optical-Electrical Characteristics
@ TA=25
oC
Parameter
Test Conditions
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IF=20mA
IV
1500
3000
-
mcd
Forward Voltage
IF=20mA
VF
-
2.0
2.6
V
Reverse Current
IR
-
-
100
µA
Dominant Wavelength
IF=20mA
λ
d
-
605
-
nm
Spectral Line Half Width
IF=20mA
∆λ
-
19
-
nm
Viewing Angle
IF=20mA
2
θ
1/2
-
8
-
deg.
Typical Optical-Electrical Characteristic Curves
01/09/2002
VR=5V
Unity Opto Technology Co., Ltd.
FIG.5 RADIATION DIAGRAM
1.0
0.9
0.8
30°
40°
50°
60°
70°
80°
90°
0° 10°
20°
0
10
20
30
40
50
1.2
1.6
2.0
2.4
2.8
3.2
0.0
1.0
2.0
3.0
4.0
5.0
0
20
40
60
80
100
Forward Current VF (mA)
FIG.4 RELATIVE LUMINOUS INTENSITY
VS. FORWARD CURRENT
0
10
20
30
40
50
60
0
20
40
60
80
100
0
0.5
1
540
565
590
615
640
665
Wavelength (nm)
FIG.1 SPECTRAL DISTRIBUTION
Ambient Temperature TA (
oC)
FIG.3 FORWARD CURRENT
VS. AMBIENT TEMPERATURE
Forward Voltage VF (V)
FIG.2 FORWARD CURRENT
VS. FORWARD VOLTAGE
0.5 0.3 0.1
0.2 0.4 0.6


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn