Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MVL-5A4UYL Datasheet(PDF) 2 Page - Unity Opto Technology

No. de Pieza. MVL-5A4UYL
Descripción  T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  UOT [Unity Opto Technology]
Página de inicio  http://www.unityopto.com.tw
Logo 

MVL-5A4UYL Datasheet(HTML) 2 Page - Unity Opto Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MVL-5A4UYL
Optical-Electrical Characteristics
@ TA=25
oC
Parameter
Test Conditions
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IF=20mA
IV
2000
4000
-
mcd
Forward Voltage
IF=20mA
VF
-
2.0
2.6
V
Reverse Current
IR
-
-
100
µA
Dominant Wavelength
IF=20mA
λ
d
-
590
-
nm
Spectral Line Half Width
IF=20mA
∆λ
-
20
-
nm
Viewing Angle
IF=20mA
2
θ
1/2
-
8
-
deg.
Typical Optical-Electrical Characteristic Curves
01/09/2002
VR=5V
Unity Opto Technology Co., Ltd.
Wavelength (nm)
Fig.1 SPECTRAL DISTRIBUTION
0
0.5
1
520
545
570
595
620
645
0.5 0.3 0.1
0
10
20
30
40
50
1.2
1.6
2.0
2.4
2.8
3.2
Forward Voltage VF (V)
Fig.2 FORWARD CURRENT
VS. FORWARD VOLTAGE
0
1
2
3
4
5
0
20
40
60
80
100
Forward Current IF (mA)
Fig.4 RELATIVE LUMINOUS INTENSITY
VS. FORWARD CURRENT
0
10
20
30
40
50
60
0
20
40
60
80
100 120
Ambient Temperature TA (
oC)
Fig.3 FORWARD CURRENT
VS. AMBIENT TEMPERATURE
10°
20°
1.0
0.9
0.8
30
o
40
o
50
o
60
o
70
o
80
o
90
o
Fig.5 RADIATION DIAGRAM
0.2 0.4 0.6


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn