Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MVL-5A4UYL Datasheet(PDF) 1 Page - Unity Opto Technology

No. de Pieza. MVL-5A4UYL
Descripción  T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  UOT [Unity Opto Technology]
Página de inicio  http://www.unityopto.com.tw
Logo 

MVL-5A4UYL Datasheet(HTML) 1 Page - Unity Opto Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T-1 3/4 (
φ 5mm) PACKAGE
HIGH POWER AlInGaP LED LAMPs
MVL-5A4UYL
Description
Package Dimensions
The MVL-5A4UYL , utilizes the latest absorbing
substrate Aluminum Indium Gallium Phosphide
(AlInGaP) LED technology. This LED material
has outstanding light output efficiency over
a wide range of drive current.
The package is T-1 3/4 (5mm) water clear standard type.
Features
l
Ultra - brightness
l
Low power consumption
l
TTL compatible
l
Reliable
Absolute Maximum Ratings
@ TA=25
oC
Parameter
Symbol
Maximum Rating
Unit
Power Dissipation
Pad
125
mW
Peak Forward Current(1/10 Duty Cycle100
µs pulse width)
Ipf
100
mA
Continuous Forward Current
Iaf
50
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
Storage Temperature Range
Tstg
01/09/2002
-40
oC to +100oC
-40
oC to +100oC
Lead Soldering Temperature 1.6 mm from body for 5 seconds at 260
oC
Unity Opto Technology Co., Ltd.
Notes :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 1.5 mm (.059") max.
3. Lead spacing is measured where the leads emerge from the package.
7.62
(.300)
5.05
(.200)
1.00
(.040)
5.90
(.230)
2.54TYP.
(.1)
0.50 TYP.
(.020)
25.40 MIN.
(1.000)
1.00MIN.
(.040)
5.47
(.215)
SEE NOTE 3
A
C
Unit: mm ( inches )
2.54TYP.
(.100)
SEE NOTE 2


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn