Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DZ-10G-1A Datasheet(PDF) 5 Page - Omron Electronics LLC

No. de pieza DZ-10G-1A
Descripción Electrónicos  Special-purpose Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DZ-10G-1A Datasheet(HTML) 5 Page - Omron Electronics LLC

  DZ-10G-1A Datasheet HTML 1Page - Omron Electronics LLC DZ-10G-1A Datasheet HTML 2Page - Omron Electronics LLC DZ-10G-1A Datasheet HTML 3Page - Omron Electronics LLC DZ-10G-1A Datasheet HTML 4Page - Omron Electronics LLC DZ-10G-1A Datasheet HTML 5Page - Omron Electronics LLC DZ-10G-1A Datasheet HTML 6Page - Omron Electronics LLC DZ-10G-1A Datasheet HTML 7Page - Omron Electronics LLC DZ-10G-1A Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Special-purpose Basic Switch
DZ
93
Note: 1. The solder terminal model has a suffix "-1A" in its model number and its omitted dimensions are the same as the corresponding
dimensions of the pin plunger model.
2. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
28.4
25.4±0.1
11.9
49.2
17.45±0.2
17.7
19.7
14.5
FP
8.2
OP
9.5 dia.
× 4
(plastic roller)
* Stainless-steel lever
t = 1 *
48.4R
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
4.2 +0.075
-0.025
17.45±0.2
* Stainless-steel lever
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
25.4±0.1
11.9
49.2
17.7 19.7
14.5
8.2
OP
PT
t = 1 *
1.1
9.5 dia.
× 4
(plastic roller)
48.4R
4.2+0.075
-0.025
OF max.
RF min.
PT max.
OT min.
MD max.
270 gf
34 gf
4 mm
0.26 mm
1.1 mm
OP
29.4
±0.8 mm
Hinge Roller Lever
DZ-10GW2-1B
OF max.
RF min.
OT min.
MD max.
213 gf
42 gf
1.2 mm
3.3 mm
FP max.
OP
47.6 mm
31.8
±0.8 mm
DZ-10GV2-1B


Número de pieza similar - DZ-10G-1A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
DZ-10G-B OMRON-DZ-10G-B Datasheet
1Mb / 6P
   Common Accessories
More results

Descripción similar - DZ-10G-1A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Systemsensor advanced i...
PSP1 SYSTEMSENSOR-PSP1 Datasheet
148Kb / 2P
   Special Purpose Supervisory Switch
logo
Omron Electronics LLC
Z-15G OMRON-Z-15G Datasheet
5Mb / 18P
   General-purpose Basic Switch
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com