Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DZ-10G-1B Datasheet(PDF) 2 Page - Omron Electronics LLC

No. de pieza DZ-10G-1B
Descripción Electrónicos  Special-purpose Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DZ-10G-1B Datasheet(HTML) 2 Page - Omron Electronics LLC

  DZ-10G-1B Datasheet HTML 1Page - Omron Electronics LLC DZ-10G-1B Datasheet HTML 2Page - Omron Electronics LLC DZ-10G-1B Datasheet HTML 3Page - Omron Electronics LLC DZ-10G-1B Datasheet HTML 4Page - Omron Electronics LLC DZ-10G-1B Datasheet HTML 5Page - Omron Electronics LLC DZ-10G-1B Datasheet HTML 6Page - Omron Electronics LLC DZ-10G-1B Datasheet HTML 7Page - Omron Electronics LLC DZ-10G-1B Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
90
Special-purpose Basic Switch
DZ
Specifications
■ Characteristics
Note: 1. The values are for pin plunger models.
2. Malfunction: 1 ms max.
■ Ratings
Note: 1. The above values are for steady-state current.
2. Inductive load has a power factor of 0.4 min. (AC) and a time
constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-state current.
4. Motor load has an inrush current of 6 times the steady-state current.
5. The ratings values apply under the following test conditions:
(1) Ambient temperature: 20
±2°C
(2) Ambient humidity: 65
±5%RH
(3) Operating frequency: 20 operations/min
■ Contact Specifications
■ Safety Standard Ratings
UL/CSA
Operating speed
0.1 mm to 1 m/s (See note 1)
Operating frequency
Mechanical
240 operations/min
Electrical
20 operations/min
Contact resistance
15 m
Ω max. (initial value)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between non-continuous terminals
1,500 VAC, 50/60 Hz for 1 min between current-carrying metal parts and non-current-carrying
metal part, and between current-carrying metal part and ground and between switches
Vibration resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude (See note 2)
Shock resistance
Destruction
1,000 m/s2 max.
Malfunction
300 m/s2 max. (See notes 1 and 2)
Degree of protection
IP00
Degree of protection against electric shock
Class I
Proof tracking index (PTI)
175
Ambient operating temperature
−25°C to 80°C (with no icing)
Ambient operating humidity
35% to 85%RH
Service life
Mechanical
1,000,000 operations min.
Electrical
500,000 operations min.
Weight
Approx. 30 to 50 g
Rated voltage
(V)
Non-inductive load (A)
Inductive load (A)
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
250 VAC
10
10
2
1.5
1
0.7
6
4
3
2
1.5
1
8 VDC
14 VDC
30 VDC
125 VDC
250 VDC
10
10
10
0.5
0.25
3
3
3
1.5
1.5
1.5
6
6
4
0.05
0.03
5
5
3
2.5
2.5
1.5
0.5
0.25
0.05
0.03
Contacts
Material
Silver alloy
Gap (standard value)
0.5 mm
Inrush current
NC
30 A max.
NO
15 A max.
Rated voltage
DZ-10G
125 VAC
10 A and 1/8 HP
250 VAC
10 A and 1/4 HP
480 VAC
2 A
125 VDC
0.5 A
250 VDC
0.25 A


Número de pieza similar - DZ-10G-1B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
DZ-10G-B OMRON-DZ-10G-B Datasheet
1Mb / 6P
   Common Accessories
More results

Descripción similar - DZ-10G-1B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Systemsensor advanced i...
PSP1 SYSTEMSENSOR-PSP1 Datasheet
148Kb / 2P
   Special Purpose Supervisory Switch
logo
Omron Electronics LLC
Z-15G OMRON-Z-15G Datasheet
5Mb / 18P
   General-purpose Basic Switch
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com