Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4001S Datasheet(PDF) 1 Page - RFE international

No. de pieza 1N4001S
Descripción Electrónicos  LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RFE [RFE international]
Página de inicio  http://www.rfeinc.com
Logo RFE - RFE international

1N4001S Datasheet(HTML) 1 Page - RFE international

  1N4001S Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV 2001
C3CA01
LEADED (THRU-HOLE)
General Purpose Rectifiers, 1 to 8 Amps
A-405
DO-41
DO-15
DO-201AD
R-6S
.275
R-6
.360
GENERAL PURPOSE RECTIFIERS (Including Glass Passivated, use G suffix)
Operating Temperature: -65°C to 125°C
RF
Cross
Max Avg.
Peak
Peak Fwd Surge
Max Forward
Max Reverse
Package
Outline
Part Number Reference Rectified Inverse Current @ 8.3ms Voltage @ 25°C Current @ 25°C
(Max in inches)
Current
Voltage
Superimposed
@ Rated IO
@ Rated PIV
IO(A)
PIV(V)
IFSM(A)
VFM(V)
IR(mA)
Bulk/Reel
1A1
1.0 A
50
25
1.1
5.0
1000/5000
1A2
1.0 A
100
25
1.1
5.0
1000/5000
1A3
1.0 A
200
25
1.1
5.0
1000/5000
1A4
1.0 A
400
25
1.1
5.0
1000/5000
1A5
1.0 A
600
25
1.1
5.0
1000/5000
1A6
1.0 A
800
25
1.1
5.0
1000/5000
1A7
1.0 A
1000
25
1.1
5.0
1000/5000
1N4001S
RL101
1.0 A
50
30
1.0
5.0
1000/5000
1N4002S
RL102
1.0 A
100
30
1.0
5.0
1000/5000
1N4003S
RL103
1.0 A
200
30
1.0
5.0
1000/5000
1N4004S
RL104
1.0 A
400
30
1.0
5.0
1000/5000
1N4005S
RL105
1.0 A
600
30
1.0
5.0
1000/5000
1N4006S
RL106
1.0 A
800
30
1.0
5.0
1000/5000
1N4007S
RL107
1.0 A
1000
30
1.0
5.0
1000/5000
1N4001
1.0 A
50
30
1.1
5.0
1000/5000
1N4002
1.0 A
100
30
1.1
5.0
1000/5000
1N4003
1.0 A
200
30
1.1
5.0
1000/5000
1N4004
1.0 A
400
30
1.1
5.0
1000/5000
1N4005
1.0 A
600
30
1.1
5.0
1000/5000
1N4006
1.0 A
800
30
1.1
5.0
1000/5000
1N4007
1.0 A
1000
30
1.1
5.0
1000/5000
1N5391
RL151
1.5 A
50
50
1.0
5.0
500/4000
1N5392
RL152
1.5 A
100
50
1.0
5.0
500/4000
1N5393
RL153
1.5 A
200
50
1.0
5.0
500/4000
1N5395
RL154
1.5 A
400
50
1.0
5.0
500/4000
1N5397
RL155
1.5 A
600
50
1.0
5.0
500/4000
1N5398
RL156
1.5 A
800
50
1.0
5.0
500/4000
1N5399
RL157
1.5 A
1000
50
1.0
5.0
500/4000
2A01
2.0 A
50
60
1.0
5.0
500/4000
2A02
2.0 A
100
60
1.0
5.0
500/4000
2A03
2.0 A
200
60
1.0
5.0
500/4000
2A04
2.0 A
400
60
1.0
5.0
500/4000
2A05
2.0 A
600
60
1.0
5.0
500/4000
2A06
2.0 A
800
60
1.0
5.0
500/4000
2A07
2.0 A
1000
60
1.0
5.0
500/4000
1N5400
P300A
3.0 A
50
200
1.0
5.0
500/1250
1N5401
P300B
3.0 A
100
200
1.0
5.0
500/1250
1N5402
P300D
3.0 A
200
200
1.0
5.0
500/1250
1N5404
P300G
3.0 A
400
200
1.0
5.0
500/1250
1N5406
P300J
3.0 A
600
200
1.0
5.0
500/1250
1N5407
P300K
3.0 A
800
200
1.0
5.0
500/1250
1N5408
P300M
3.0 A
1000
200
1.0
5.0
500/1250
6A05S
6.0 A
50
250
0.9
5.0
400/500
6A10S
6.0 A
100
250
0.9
5.0
400/500
6A20S
6.0 A
200
250
0.9
5.0
400/500
6A40S
6.0 A
400
250
0.9
5.0
400/500
6A60S
6.0 A
600
250
0.9
5.0
400/500
6A80S
6.0 A
800
250
0.9
5.0
400/500
6A100S
6.0 A
1000
250
0.9
5.0
400/500
6A05
6.0 A
50
400
0.9
5.0
200/500
6A10
6.0 A
100
400
0.9
5.0
200/500
6A20
6.0 A
200
400
0.9
5.0
200/500
6A40
6.0 A
400
400
0.9
5.0
200/500
6A60
6.0 A
600
400
0.9
5.0
200/500
6A80
6.0 A
800
400
0.9
5.0
200/500
6A100
6.0 A
1000
400
0.9
5.0
200/500
8A05
8.0 A
50
400
1.0
5.0
200/500
8A10
8.0 A
100
400
1.0
5.0
200/500
8A20
8.0 A
200
400
1.0
5.0
200/500
8A40
8.0 A
400
400
1.0
5.0
200/500
8A60
8.0 A
600
400
1.0
5.0
200/500
8A80
8.0 A
800
400
1.0
5.0
200/500
8A100
8.0 A
1000
400
1.0
5.0
200/500
R-1
.023
.097
.787
.787
.116
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Número de pieza similar - 1N4001S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1N4001S PANJIT-1N4001S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
1N4001S DIOTEC-1N4001S Datasheet
141Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Pan Jit International I...
1N4001S PANJIT-1N4001S Datasheet
67Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001S TSC-1N4001S Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Transys Electronics
1N4001S TRSYS-1N4001S Datasheet
148Kb / 3P
   PLASTIC SILICON RECTIFIER
More results

Descripción similar - 1N4001S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RFE international
10A05 RFE-10A05 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
GP02-25 RFE-GP02-25 Datasheet
78Kb / 1P
   LEADED (THRU-HOLE) High Voltage Rectifiers
logo
Formosa MS
6A05 FORMOSA-6A05_17 Datasheet
94Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N4001 FORMOSA-1N4001_17 Datasheet
106Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400G FORMOSA-1N5400G_17 Datasheet
95Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5391G FORMOSA-1N5391G Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400 FORMOSA-1N5400 Datasheet
142Kb / 6P
   Axial Leaded General Purpose Rectifiers
10A05 FORMOSA-10A05 Datasheet
177Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N4001G FORMOSA-1N4001G_17 Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
logo
Chip Integration Techno...
GR1005 CITC-GR1005 Datasheet
89Kb / 3P
   1A Leaded Type General Purpose Rectifiers
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com