Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KLT-231412 Datasheet(PDF) 2 Page - KODENSHI KOREA CORP.

No. de Pieza. KLT-231412
Descripción  1310nm InGaAsP strained MQW DFB LD for 1.25G 2.0 TO CAN
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KODENSHI [KODENSHI KOREA CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo 

KLT-231412 Datasheet(HTML) 2 Page - KODENSHI KOREA CORP.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1310nm InGaAsP strained MQW DFB LD for 1.25G Ø2.0 TO CAN
Outline Drawing
(2mm ball lens type)
Pin connections
4G
4S
pin no. 1
case ground/LD anode
Case ground
pin no. 2
LD cathode
LD cathode
pin no. 3
Monitor PD cathode
Monitor PD anode
pin no. 4
Monitor PD anode
LD anode/m-PD cathode
Ordering information
31 : 1310 nm
0 : CW
0 : 0~50
1 : 1.5 mm ball lens
S : 4S type
2 : DFB
55 : 1550 nm
3 : 622 Mbps 1 : 0~70
2 : 2.0mm ball lens
G : 4G type
3 : CWDM-DFB 49 : 1490 nm
4 : 1.25 Gbps 2 : -20~70
3 : flat window
R : 4R type
4 : AR-LD
xx:1xx0nm ±3nm(CWDM)
5 : 2.5 Gbps 3 : 0~85
4 : aspheric lens
3: 3G
5 : DWDM-DFB yB(band):O,E,S,C,L,NI,NC
4 : -20~85
zz:15xx ±4nm(DWDM)
5 : -40~85
black is available now
blue is developing now
2/2
For more information on other parts available, please visit our website: www.kodenshi.co.kr
Rev.001
Pin
Config.
Kodenshi
LD
TO
Wavelength
Data Rate
Operating
Temp.
KODENSHI KOREA CORP. 513-5 Eoyang-Dong, Iksan, 570-210, Korea
KLT
Package type
KLT-231412x
Pin config.
Device Type
1 : FP(BH)
14


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn