Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC4081UB Datasheet(PDF) 1 Page - Rohm

No. de pieza 2SC4081UB
Descripción Electrónicos  General purpose small signal amplifier (50V, 0.15A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

2SC4081UB Datasheet(HTML) 1 Page - Rohm

  2SC4081UB Datasheet HTML 1Page - Rohm 2SC4081UB Datasheet HTML 2Page - Rohm 2SC4081UB Datasheet HTML 3Page - Rohm 2SC4081UB Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.C
General purpose small signal amplifier
(50V, 0.15A)
2SC4081UB
Applications
Dimensions (Unit : mm)
General purpose small signal amplifier
Features
1) Low Cob.
Cob=2.0pF (Typ.)
2) Complements the 2SA4081.
Structure
NPN silicon epitaxial planar transistor
Absolute maximum (Ta=25
C)
Parameter
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
VCBO
VCEO
VEBO
PD
ICP
Tj
Tstg
60
V
V
V
mA
mW
mA
∗1
∗1 Pw=1ms Single pulse
∗2 Each terminal mounted on a recommended land
∗2
°C
°C
50
7
150
IC
200
200
150
−55 to +150
Symbol
Limits
Unit
Electrical characteristics (Ta=25
C)
Parameter
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current gain
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
60
50
7
120
180
2.0
100
100
390
400
3.5
VIC
=50μA
IC
=1mA
IE
=50μA
VCB
=60V
VEB
=7V
VCE
=6V, IC=1mA
IC/IB
=50mA/5mA
VCE
=12V, IE=−2mA, f=100MHz
VCB
=12V, IE=0A, f=1MHz
V
V
nA
nA
mV
MHz
pF
Typ.
Max.
Unit
Conditions
hFE rank categories
Rank
Q
120 to 270
hFE
R
180 to 390
UMT3F
Each lead has same dimensions
2.0
0.32
0.65 0.65
1.3
(1)
(2)
(3)
0.9
0.13
(1) Base
(2) Emitter
(3) Collector
Abbreviated symbol : B
∗ = Denotes hFE


Número de pieza similar - 2SC4081UB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SC4081UB ROHM-2SC4081UB Datasheet
82Kb / 4P
   General purpose small signal amplifier
2SC4081UB ROHM-2SC4081UB Datasheet
146Kb / 4P
   General purpose small signal amplifier (50V, 0.15A)
2SC4081UB ROHM-2SC4081UB Datasheet
2Mb / 15P
   General purpose small signal amplifier
2SC4081UB ROHM-2SC4081UB_10 Datasheet
146Kb / 4P
   General purpose small signal amplifier (50V, 0.15A)
More results

Descripción similar - 2SC4081UB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SA1576UB ROHM-2SA1576UB_10 Datasheet
143Kb / 3P
   General purpose small signal amplifier (50V, 0.15A)
2SC4617EB ROHM-2SC4617EB_09 Datasheet
170Kb / 4P
   General purpose small signal amplifier (50V, 0.15A)
2SC4081UB ROHM-2SC4081UB_10 Datasheet
146Kb / 4P
   General purpose small signal amplifier (50V, 0.15A)
2SC4617FRA ROHM-2SC4617FRA Datasheet
1,005Kb / 9P
   General purpose small signal amplifier (50V,150mA)
20190920 - Rev.002
2SC4617E3HZG ROHM-2SC4617E3HZG Datasheet
1Mb / 9P
   General purpose small signal amplifier (50V,150mA)
20220607 - Rev.001
2SC2412KFRA ROHM-2SC2412KFRA Datasheet
1Mb / 9P
   General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SC4081U3HZG ROHM-2SC4081U3HZG Datasheet
1Mb / 10P
   General purpose small signal amplifier(50V, 150mA)
2SC4081FRA ROHM-2SC4081FRA Datasheet
1Mb / 9P
   General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SC5658FHA ROHM-2SC5658FHA Datasheet
1Mb / 8P
   General purpose small signal amplifier (50V, 150mA)
20160909 - Rev.001
logo
Littelfuse
2SC5658T2LR LITTELFUSE-2SC5658T2LR Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com