Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS4146IRGZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS4146IRGZR
Descripción Electrónicos  14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS4146IRGZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS4146IRGZR Datasheet HTML 6Page - Texas Instruments ADS4146IRGZR Datasheet HTML 7Page - Texas Instruments ADS4146IRGZR Datasheet HTML 8Page - Texas Instruments ADS4146IRGZR Datasheet HTML 9Page - Texas Instruments ADS4146IRGZR Datasheet HTML 10Page - Texas Instruments ADS4146IRGZR Datasheet HTML 11Page - Texas Instruments ADS4146IRGZR Datasheet HTML 12Page - Texas Instruments ADS4146IRGZR Datasheet HTML 13Page - Texas Instruments ADS4146IRGZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
ADS4126, ADS4129
ADS4146, ADS4149
SBAS483C – NOVEMBER 2009 – REVISED MARCH 2010
www.ti.com
DIGITAL CHARACTERISTICS
Typical values are at +25°C, AVDD = 1.8V, DRVDD = 1.8V, and 50% clock duty cycle, unless otherwise noted. Minimum and
maximum values are across the full temperature range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, and DRVDD = 1.8V.
ADS4126, ADS4129, ADS4146, ADS4149(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (RESET, SCLK, SDATA, SEN, OE)
High-level input voltage
RESET, SCLK, SDATA, and
1.3
V
SEN support 1.8V and 3.3V
Low-level input voltage
0.4
V
CMOS logic levels
High-level input voltage
1.3
V
OE only supports 1.8V CMOS
logic levels
Low-level input voltage
0.4
V
High-level input current: SDATA, SCLK(2)
VHIGH = 1.8V
10
µA
High-level input current: SEN
VHIGH = 1.8V
0
µA
Low-level input current: SDATA, SCLK
VLOW = 0V
0
µA
Low-level input current: SEN
VLOW = 0V
10
µA
DIGITAL OUTPUTS (CMOS INTERFACE: D0 TO D13, OVR_SDOUT)
High-level output voltage
DRVDD – 0.1
DRVDD
V
Low-level output voltage
0
0.1
V
DIGITAL OUTPUTS (LVDS INTERFACE: DA0P/M TO DA13P/M, DB0P/M TO DB13P/M, CLKOUTP/M)
High-level output voltage(3)
VODH
Standard swing LVDS
270
+350
430
mV
Low-level output voltage(3)
VODL
Standard swing LVDS
–430
–350
–270
mV
High-level output voltage(3)
VODH
Low swing LVDS
+200
mV
Low-level output voltage(3)
VODL
Low swing LVDS
–200
mV
Output common-mode voltage
VOCM
0.85
1.05
1.25
V
(1)
The ADS4126, ADS4129, and ADS4146 are product preview devices.
(2)
SDATA and SCLK have an internal 180k
Ω pull-down resistor.
(3)
With an external 100
Ω termination.
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS4126 ADS4129 ADS4146 ADS4149


Número de pieza similar - ADS4146IRGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS4146IRGZR TI-ADS4146IRGZR Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4146IRGZR TI-ADS4146IRGZR Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4146IRGZR TI1-ADS4146IRGZR Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results

Descripción similar - ADS4146IRGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com