Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BA3662CP-V5 Datasheet(PDF) 2 Page - Rohm

No. de Pieza. BA3662CP-V5
Descripción  Silicon Monolithic Integrated Circuit
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

BA3662CP-V5 Datasheet(HTML) 2 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. A
○ELECTRICAL CHARACTERISTIC
(Unless otherwise specified, Ta=25℃、Vcc=10V、VCTL=5V、Io=200mA、Vo=5V Setting)
Parameter
Symbol
Limit
Umit
Conditions
Min.
Typ.
Max.
Shut Down Current
Isd
0
10
μA
VCTL=0V
Bias Current
Ib
2.5
5.0
mA
VCTL=2V, Io=0mA
C Terminal Voltage
Vc
1.200
1.225
1.250
V
Io=50mA
Dropout Voltage
⊿Vd
0.3
0.5
V
Vcc=Vo×0.95
Peak Output Current
Io
0.3
A
Ripple Rejection
R.R.
45
55
dB
f=120Hz,ein
※1=1Vrms,
Io=100mA
Line Regulation
Reg.I
20
100
mV
Vcc=6→25V
Load Regulation
Reg.L
40
80
mV
Io=5mA→200mA
Temperature Coefficient
of Output Current
Tcvo
±0.02
%/℃ Io=5mA,Tj=0~125℃
Output Short Current
Ios
0.1
A
Vcc=25V,Vo=0V
ON Mode Voltage
VthH
2.0
V
ACTIVE MODE, Io=0mA
OFF Mode Voltage
VthL
0.8
V
OFF MODE, Io=0mA
Input High Current
ICTL
100
200
300
μA
VCTL=5V, Io=0mA
※1 ein : Input Voltage Ripple
○PHYSICAL DIMENSIONS, MARKING
B A 3662
Lot. No.
Marking


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn