Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA9743AFV Datasheet(PDF) 10 Page - Rohm

No. de pieza BA9743AFV
Descripción Electrónicos  Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA9743AFV Datasheet(HTML) 10 Page - Rohm

Back Button BA9743AFV_08 Datasheet HTML 6Page - Rohm BA9743AFV_08 Datasheet HTML 7Page - Rohm BA9743AFV_08 Datasheet HTML 8Page - Rohm BA9743AFV_08 Datasheet HTML 9Page - Rohm BA9743AFV_08 Datasheet HTML 10Page - Rohm BA9743AFV_08 Datasheet HTML 11Page - Rohm BA9743AFV_08 Datasheet HTML 12Page - Rohm BA9743AFV_08 Datasheet HTML 13Page - Rohm BA9743AFV_08 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image

4) SC P Comp ( Timer-latch type short-circuit prevention circuit )
When the output voltage malfunctions because of a short circuit, this function is used to turn OFF the output transistor forcedly, in order to
protect the system. If the output voltage drops in realtion to the set voltage level, an error will be amplified through the Err Amp and the
voltage at the FB1/FB2 pins will reach the low voltage side. If SCP Comp sets the voltage below the threshold level for either the FB1 or
FB2, (i.e., 1.05Vtype for the BA9741F/FS / BA9743AFV or 0.25Vtype for the BA9744FV), the short prevention circuit will be activated to
start the charging of the capacitor of SCP pin. When VIT=1.64Vtyp for the BA9741F/FS / BA9743AFV or VIT=1.18Vtyp for the BA9744FV
is achieved, the output transistor will turn OF F.
The time is set by the capacitor (Cscp) connected to the SCP pin (pin 15) .
The time TSCP is obtained by the formula shown below:
TSCP =
. Cscp
For example, in the case of the BA9743AFV, assuming that C SCP =0.1μ F, V IT =1.64 V, V STB =0.05V and ISCP =2.5μA.
TSCP =
×0.1μ = 63.6mS
In order to stop the function of the short prevention circuit, short-circuit the SC P pin to GND .
5) PWM Comp 1/2 DEAD TIME (Rest period adjustment circuit / Dead time)
This function can be set by dividing the resistance of DT1 and DT2 pins (pins 6 and 11) between V REF and GND. With PWM Comp,
comparing the dead time voltage input and the error voltage from the Err Amp with the triangular wave, the output drive transistors are
turned ON/OFF.
When Dead time voltage>Error voltage, the output duty is determined by the dead time voltage.
The dead time voltage VDT is obtained by the expression shown below.
VDT = V REF .
(BA9741F/FS/BA9743AFV)
(BA9744FV)
When VDT=1.48Vtyp: Duty 100%
When VDT=0.49Vtyp: Duty 100%
When VDT=1.97Vtyp: Duty 0%
When VDT=1.01Vtyp: Duty 0%
(Provided, however, that fosc=10kHz)
(Provided, however, that fosc=10kHz )
Note: If the oscillation frequency is at a high level, the upper/lower limits (Vt0/Vt100) of the triangular wave will be shifted in the direction in
which the amplitude is developed.
6) PWM Comp 1/2 SS (Soft start function)
By connecting the resistors R1 and R2, and
the capacitor CD T to D T pins (pins 6 and 11),
as shown in figure on the right, the soft start
function is enabled.
7) Handling of pins of unused channel
If channel 1 is only used, the unused channel should be handled as shown above.
V IT +V STB
ISCP
1.64 - 0.05
2.5μ
R2
R1 + R2
BA9741F/FS, BA9743AFV
BA9744FV
Vcc
Fig.36
Fig.37
Fig.35


Número de pieza similar - BA9743AFV_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA9743AFV-E ROHM-BA9743AFV-E Datasheet
4Mb / 17P
   A 2-channel ICs, incorporating a switching regulator controller that uses a pulse width modulation.
BA9743AFV ROHM-BA9743AFV_1 Datasheet
295Kb / 6P
   2-ch Switching Regulator Controller
BA9743AFV ROHM-BA9743AFV_11 Datasheet
4Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
More results

Descripción similar - BA9743AFV_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA9743AFV ROHM-BA9743AFV_11 Datasheet
4Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BD9300F ROHM-BD9300F_08 Datasheet
871Kb / 17P
   Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
   Step-down, High-efficiency Switching Regulators (Controller type)
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9018KV ROHM-BD9018KV Datasheet
452Kb / 17P
   Step-down,High-efficiency Switching Regulators (Controller type)
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
MC3063 UTC-MC3063 Datasheet
188Kb / 4P
   1.5A,STEP-UP/DOWN/INVERTING SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com