Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2041AFJ Datasheet(PDF) 11 Page - Rohm

No. de pieza BD2041AFJ
Descripción Electrónicos  1ch Large Current Output USB High Side Switch ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2041AFJ Datasheet(HTML) 11 Page - Rohm

Back Button BD2041AFJ Datasheet HTML 7Page - Rohm BD2041AFJ Datasheet HTML 8Page - Rohm BD2041AFJ Datasheet HTML 9Page - Rohm BD2041AFJ Datasheet HTML 10Page - Rohm BD2041AFJ Datasheet HTML 11Page - Rohm BD2041AFJ Datasheet HTML 12Page - Rohm BD2041AFJ Datasheet HTML 13Page - Rohm BD2041AFJ Datasheet HTML 14Page - Rohm BD2041AFJ Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
BD2041AFJ,BD2051AFJ,BD6518FJ,BD6519FJ
Technical Note
11/18
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Block diagram (BD2041AFJ/2051AFJ)
IN
IN
/OC
EN(/EN)
OUT
OUT
OUT
GND
Charge
pump
Gate logic
TSD
OCD
UVLO
1
2
3
4
8
7
6
5
GND
IN
IN
/OC
OUT
OUT
OUT
Top View
EN(/EN)
Fig.70 Block diagram
Fig.71 Pin Configuration
Pin description (BD2041AFJ/2051AFJ)
Pin No.
Symbol
I / O
Pin function
1
GND
I
Ground.
2, 3
IN
I
Power supply input.
Input terminal to the power switch and power supply input terminal of the
internal circuit.
At use, connect each pin outside.
4
EN (/EN)
I
Enable input.
Power switch on at Low level. (BD2041AFJ)
Power switch on at High level. (BD2051AFJ)
High level input > 2.0V, Low level input < 0.8V.
5
/OC
O
Error flag output.
Low at over current, thermal shutdown.
Open drain output.
6, 7, 8
OUT
O
Power switch output.
At use, connect each pin outside.
I/O circuit (BD2041AFJ/2051AFJ)
Symbol
Pin No
Equivalent circuit
EN(/EN)
4
/OC
5
OUT
6,7,8


Número de pieza similar - BD2041AFJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ Datasheet
315Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2041AFJ ROHM-BD2041AFJ Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ Datasheet
682Kb / 25P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ-E2 ROHM-BD2041AFJ-E2 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ-E2 ROHM-BD2041AFJ-E2 Datasheet
682Kb / 25P
   1.0A Current Limit High Side Switch ICs
More results

Descripción similar - BD2041AFJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ_09 Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_09 Datasheet
429Kb / 14P
   2ch Small Current Output USB High Side Switch ICs
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
   Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com