Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2061AFJ Datasheet(PDF) 12 Page - Rohm

No. de pieza BD2061AFJ
Descripción Electrónicos  1ch Large Current Output USB High Side Switch ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2061AFJ Datasheet(HTML) 12 Page - Rohm

Back Button BD2061AFJ Datasheet HTML 5Page - Rohm BD2061AFJ Datasheet HTML 6Page - Rohm BD2061AFJ Datasheet HTML 7Page - Rohm BD2061AFJ Datasheet HTML 8Page - Rohm BD2061AFJ Datasheet HTML 9Page - Rohm BD2061AFJ Datasheet HTML 10Page - Rohm BD2061AFJ Datasheet HTML 11Page - Rohm BD2061AFJ Datasheet HTML 12Page - Rohm BD2061AFJ Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
BD2061AFJ,BD2065AFJ
Technical Note
12/12
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
D
2
0
6
1
A
F
J
-
E
2
Part No.
Part No.
2061A
2065A
Package
FJ: SOP-J8
Packaging and forming specification
E2: Embossed tape and reel
(SOP-J8)
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SOP-J8
4
° +6°
−4°
0.2
±0.1
234
5
6
7
8
1
4.9
±0.2
0.545
(MAX 5.25 include BURR)
0.42
±0.1
1.27
0.1 S
S


Número de pieza similar - BD2061AFJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ Datasheet
488Kb / 25P
   High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD2061AFJ-E2 ROHM-BD2061AFJ-E2 Datasheet
488Kb / 25P
   High Side Switch ICs
BD2061AFJ-E2 ROHM-BD2061AFJ-E2 Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
More results

Descripción similar - BD2061AFJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_09 Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_09 Datasheet
429Kb / 14P
   2ch Small Current Output USB High Side Switch ICs
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
   Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com