Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3512MUV Datasheet(PDF) 3 Page - Rohm

No. de pieza BD3512MUV
Descripción Electrónicos  Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3512MUV Datasheet(HTML) 3 Page - Rohm

  BD3512MUV_08 Datasheet HTML 1Page - Rohm BD3512MUV_08 Datasheet HTML 2Page - Rohm BD3512MUV_08 Datasheet HTML 3Page - Rohm BD3512MUV_08 Datasheet HTML 4Page - Rohm BD3512MUV_08 Datasheet HTML 5Page - Rohm BD3512MUV_08 Datasheet HTML 6Page - Rohm BD3512MUV_08 Datasheet HTML 7Page - Rohm BD3512MUV_08 Datasheet HTML 8Page - Rohm BD3512MUV_08 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/16
●Electrical Characteristics (Unless otherwise specified, Ta=25℃, Vcc=5V, Ven=3V, VIN=1.7V, R1=3.9KΩ, R2=3.3KΩ)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
Bias Current
Icc
-
1.4
2.2
mA
VCC Shutdown Mode Current
IST
-
0
10
uA
Ven=0V
Maximum Output Current
Io
3.0
-
-
A
Output Voltage Temperature
Coefficient
Tcvo
-
0.01
-
%/℃
Feedback Voltage 1
VFB1
0.643
0.650
0.657
V
Feedback Voltage 2
VFB2
0.637
0.650
0.663
V
Io=0 to 3A
Tj=-10 to 100℃
Line Regulation 1
Reg.l1
-
0.1
0.5
%/V
Vcc=4.3V to 5.5V
Line Regulation 2
Reg.l2
-
0.1
0.5
%/V
VIN=1.5V to 3.3V
Load Regulation
Reg.L
-
0.5
10
mV
Io=0 to 3A
Minimum dropout voltage
dVo
-
65
100
mV
Io=1A,VIN=1.2V
Standby Discharge Current
Iden
1
-
-
mA
Ven=0V, Vo=1V
[ENABLE]
Enable Pin
Input Voltage High
Enhi
2
-
-
V
Enable Pin
Input Voltage Low
Enlow
-0.2
-
0.8
V
Enable Input Bias Current
Ien
-
6
10
uA
Ven=3V
[FEEDBACK]
Feedback Pin Bias Current
IFB
-100
0
100
nA
[NRCS]
NRCS Charge Current
Inrcs
14
20
26
uA
Vnrcs=0.5V
NRCS Standby Voltage
VSTB
-
0
50
mV
Ven=0V
[UVLO]
VCC Undervoltage Lockout
Threshold Voltage
VccUVLO
3.5
3.8
4.1
V
Vcc:Sweep-up
VCC Undervoltage Lockout
Hysteresis Voltage
Vcchys
100
160
220
mV
Vcc:Sweep-down
VD Undervoltage Lockout
Threshold Voltage
VDUVLO
VREF×
0.6
VREF×
0.7
VREF×
0.8
V
VD:Sweep-up
[SCP]
SCP Startup Voltage
VOSCP
Vo×0.3
Vo×0.4
Vo×0.5
V
SCP Threshold Voltage
VSCPTH
1.05
1.15
1.25
V
SCP Charge Current
ISCP
1.4
2
2.6
μA
SCP Standby Voltage
VSCPSTBY
-
-
50
mV
[PGOOD]
Low-side Threshold Voltage
VTHPGL
Vo×0.87
Vo×0.9
Vo×0.93
V
High-side Threshold Voltage
VTHPGH
Vo×1.07
Vo×1.1
Vo×1.13
V
PGDLY Charge Current
Ipgdly
1.4
2.0
2.6
μA
Ron
RPG
-
0.1
-
※PGOOD delay time is determined as in formula below.
tpgdly=
(μsec)
C(pF)×1.23
Ipgdly (μA)


Número de pieza similar - BD3512MUV_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Bencent Electr...
BD351 BENCENT-BD351 Datasheet
240Kb / 3P
   Gas Discharge Tube
logo
Won-Top Electronics
BD35160 WTE-BD35160 Datasheet
31Kb / 2P
   35A HIGH VOLTAGE BOSCH TYPE PRESS-FIT DIODE
logo
Shunye Enterprise
BD351N SHUNYE-BD351N Datasheet
231Kb / 2P
   35 AMP BLOCK DIODES
BD351P SHUNYE-BD351P Datasheet
231Kb / 2P
   35 AMP BLOCK DIODES
More results

Descripción similar - BD3512MUV_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
Texas Instruments
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com