Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD35231HFN Datasheet(PDF) 8 Page - Rohm

No. de pieza BD35231HFN
Descripción Electrónicos  Nch FET Ultra LDOs for Desktop PCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD35231HFN Datasheet(HTML) 8 Page - Rohm

Back Button BD35231HFN Datasheet HTML 4Page - Rohm BD35231HFN Datasheet HTML 5Page - Rohm BD35231HFN Datasheet HTML 6Page - Rohm BD35231HFN Datasheet HTML 7Page - Rohm BD35231HFN Datasheet HTML 8Page - Rohm BD35231HFN Datasheet HTML 9Page - Rohm BD35231HFN Datasheet HTML 10Page - Rohm BD35231HFN Datasheet HTML 11Page - Rohm BD35231HFN Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
BD3523HFN, BD35230HFN, BD35231HFN
Technical Note
8/20
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Block Diagram
BD3523HFN
BD35230HFN/BD35231HFN
Reference
Block
VIN
UVLOLATCH
Current
Limit
VCC
VCC
VCC
VCC
EN
UVLO1
UVLO2
VREF1
GND
CL
UVLO1
UVLO2
TSD
SCP
EN
UVLO1
CL
VCC
VREF2
VIN
VO
FB
VIN
VO
NRCS
1
EN
2
3
8
5
4
NRCS
TSD
NRCS0.3.
VREF1×0.4
FB
SCP/TSD
LATCH
LATCH
EN
UVLO1
EN/UVLO
NRCS
C1
C2
7
CNRCS
C3
CFB
R2
R1
6
Reference
Block
VIN
UVLOLATCH
Current
Limit
EN
VCC
VCC
VCC
VCC
EN
UVLO1
UVLO2
VREF1
GND
CL
UVLO1
UVLO2
TSD
SCP
EN
UVLO1
CL
VCC
VREF2
VIN
VO
FB
VIN
VO
VOS
NRCS
1
2
3
8
5
4
NRCS
TSD
NRCS0.3.
VREF1×0.4
FB
SCP/TSD
LATCH
LATCH
EN
UVLO1
EN/UVLO
NRCS
C1
C2
7
CNRCS
C3
CFB
6
R2
R1
R2
R1


Número de pieza similar - BD35231HFN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Shunye Electro...
BD352-BD356 SHUNYE-BD352-BD356 Datasheet
151Kb / 2P
   BLOCK DIODES
logo
Won-Top Electronics
BD3520 WTE-BD3520 Datasheet
29Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
BD3520 WTE-BD3520 Datasheet
32Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
logo
Rohm
BD3520FVM ROHM-BD3520FVM Datasheet
355Kb / 5P
   silicon monolithic integrated circuit
BD3520FVM ROHM-BD3520FVM Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Descripción similar - BD35231HFN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com