Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3824FS Datasheet(PDF) 5 Page - Rohm

No. de pieza BD3824FS
Descripción Electrónicos  NTSC-PAL Audio I/O Interface for Recording/Playing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3824FS Datasheet(HTML) 5 Page - Rohm

  BD3824FS Datasheet HTML 1Page - Rohm BD3824FS Datasheet HTML 2Page - Rohm BD3824FS Datasheet HTML 3Page - Rohm BD3824FS Datasheet HTML 4Page - Rohm BD3824FS Datasheet HTML 5Page - Rohm BD3824FS Datasheet HTML 6Page - Rohm BD3824FS Datasheet HTML 7Page - Rohm BD3824FS Datasheet HTML 8Page - Rohm BD3824FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/8
Example of application circuit
Fig.1 Example of application circuit (BD3822FS)
Unit
R : [ ]
C : [F]
SAP
30
29
31
32
24
23
25
26
27
28
18
17
19
20
21
22
15
16
14
13
12
11
10
9
8
7
6
5
4
3
2
1
1
+
+
+
+
+
DVD
A/D
D/A
1
1
10
10
10
0.33
1
1
1
1
1
1
330k 4.7 330k 4.7
Tuner Tuner1 Tuner2 CAP1 SAP_O Tuner1_0 Tuner2_0 CAP2 EXT1 1 EXT1 2 EXT2 1 EXT2 2 EXT3 1 EXT3 2
DET1
DET2
(Ch1)
(Ch2)
(Ch1)
(Ch2)
(Ch1)
(Ch2)
(Ch1)
(Ch2)
(Ch1)
(Ch2)
8,12dB
I
2C BUS
LOGIC
Power
DC1
DC2
Power
SCL
SDA
GND
10
1
1
10
10
10
1
1
Front1 Front2
LINE
OUT
RF
OUT
VCC
VOL
0 -78dB, -
0,4.6,4.8,5.0,5.2,5.4,5.6,6.0dB
VOL
0 - 78dB,-
dB
INPUT SELECTOR
ALC
VCC
1/2VCC
(Ch1)
(Ch2)
+
0.33
2.2M 4.7
10
C
24
C
23
C
22
C21
C
19
C
18
C
17
C
16
C15
C20
R
C
R
C
R
C
14
C
13
C
12
C
11
C
10
C
9
C
8
C
7
C
6
C
5
C
4
C
3
C
2
C
1
AMP
2
ON/OFF
ON/OFF
R4
47k
+
+
dB
+
+
+
+
+
+
+
+
+
+
+


Número de pieza similar - BD3824FS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
   Sound processor for DVD player
More results

Descripción similar - BD3824FS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3823FV ROHM-BD3823FV_05 Datasheet
524Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording
BH7625KS2 ROHM-BH7625KS2_05 Datasheet
565Kb / 17P
   NTSC-PAL Video I/O Interface
BD3825FS ROHM-BD3825FS_05 Datasheet
427Kb / 9P
   PAL Audio I/O Interface
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
   PAL Video I/O Interface
logo
Integrated Circuit Syst...
ICS662-02 ICST-ICS662-02 Datasheet
95Kb / 6P
   NTSC/PAL AUDIO CLOCK
logo
Rohm
BH7624KS2 ROHM-BH7624KS2 Datasheet
449Kb / 6P
   I/O Interface LSI for the DVD recorder for PAL
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
Rohm
BD3822FS ROHM-BD3822FS Datasheet
199Kb / 6P
   Audio I/O interface for DVD recorder
BD3823FV ROHM-BD3823FV Datasheet
184Kb / 6P
   Audio I/O interface for DVD recorder
logo
Sanyo Semicon Device
LA74320FN SANYO-LA74320FN Datasheet
191Kb / 14P
   Audio I/O Interface for Cell Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com