Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3951F Datasheet(PDF) 7 Page - Rohm

No. de pieza BD3951F
Descripción Electrónicos  Regulator with Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD3951F Datasheet(HTML) 7 Page - Rohm

Back Button BD3951F Datasheet HTML 2Page - Rohm BD3951F Datasheet HTML 3Page - Rohm BD3951F Datasheet HTML 4Page - Rohm BD3951F Datasheet HTML 5Page - Rohm BD3951F Datasheet HTML 6Page - Rohm BD3951F Datasheet HTML 7Page - Rohm BD3951F Datasheet HTML 8Page - Rohm BD3951F Datasheet HTML 9Page - Rohm BD3951F Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BD3951F
Technical Note
7/9
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Notes for use
1.
This product are produced with strict quality control, but might be destroyed in using beyond absolute maximum ratings.
The destroyed IC failure mode cannot be defined (like Short mode, or Open mode).
Therefore physical safety guard, like fuse, is recommended to prevent unexpected extreme condition which might
beyond absolute maximum ratings.
2.
BD3951F can operate within the operating supply voltage range and operating temperature range.
The Limits over the input voltage is not warranted, however electric characteristics curve in operating condition should
be within the expected linearity.
3.
GND terminal voltage must be always forced with the lowest voltage among the terminals.
4.
Power GND pattern and Small signal GND pattern should be separated each other and is recommended to supply one
point GND on the board to eliminate the surge current influences. External components GND pattern should not be
long to avoid electrical interferences.
5.
For thermal design, refer to the thermal de-rating characteristics and be sure to use this IC within the power dissipation
range at any conditions.
6.
Short circuits among the output terminals and short circuits between output terminals and VCC/GND terminal due to
metallic foreign particles would result in permanent damage to the device. And this IC’s Pin Assignment is 1pin=Vcc,
5pin=GND. So if this IC is mounted upside down, the device damaged permanently due to the huge current from GND
pin to Vcc pin.
7.
The extent electromagnetic condition might cause wrong operation of BD3951F.
8.
Note that running set testing procedure using capacitors connected to low-impedance terminals may produce stress on
the IC. Therefore, be certain to use proper discharge procedure before each process of the Testing. To prevent
electrostatic stress in the assembly process, thoroughly ground yourself and any equipment that could sustain ESD
potential, and continue observing ESD-prevention procedures in all handling, transfer and storage operations. Before
attempting to any component to the test system, make certain that the power supply is OFF. Likewise, be sure to turn
the power supply OFF before removing any component connected to the test system.
9.
This IC is a Monolithic IC which has P+ isolation in the P substrate. A P-N junction is formed from this P layer and the
N layer produces various types of parasitic devices. Fig. 18 shows parasitic devices around resistor and NPN transistor.
f lower voltages than GND level are applied for A and B terminals, parasitic Di (P-N junction) would ON in both resistor
and NPN transistor examples.
Moreover, in above condition, parasitic NPN transistor which is formed with parasitic Di and adjoined N layer would ON
in NPN transistor example. Parasitic devices are inevitable in the structure of the IC. The operation of parasitic devices
can result in mutual interference among circuits as well as operation faults and physical damage. Accordingly, you
must not use methods by which parasitic diodes operate, such as applying a voltage that is lower than the GND (P
substrate) voltage to an input pin.
Fig.18 Bipolar Transistor
P layer
Resistor
Parasitic
Terminal B)
Parasitic
GND
N
P
N
N
P
P
C
B
E
NPN Transistor
GND
Terminal A)
Parasitic
(Terminal B)
Adjoined N layer
GND
C
B
E
P layer
Terminal A)
GND
N
P
N
N
P
P
Parasitic


Número de pieza similar - BD3951F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD3951F ROHM-BD3951F Datasheet
320Kb / 6P
   System Regulator (RESET, Vcc-Detection and 150mA LDO)
More results

Descripción similar - BD3951F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BD5223 ETC-BD5223 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD46312G ROHM-BD46312G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
BD49XXFVE ROHM-BD49XXFVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD49XXG ROHM-BD49XXG Datasheet
260Kb / 6P
   Voltage Detector IC
logo
BOWIN ELECTRONIC CO.
CDT5430 BOWIN-CDT5430 Datasheet
105Kb / 4P
   VOLTAGE DETECTOR IC
logo
Torex Semiconductor
XC6408 TOREX-XC6408 Datasheet
606Kb / 34P
   28V Operation Voltage Regulator with Voltage Detector
logo
Rohm
BU48XXF ROHM-BU48XXF Datasheet
291Kb / 6P
   Low Voltage Detector IC
BU48XXFVE ROHM-BU48XXFVE Datasheet
291Kb / 6P
   Low Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com