Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0280A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0280A
Descripción Electrónicos  SAW Filter 868.30MHz SMD5X5mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0280A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0280A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0280A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0280A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0280A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0280A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 868.30 MHz
MODEL NO.: TA0280A
REV. NO.:4
A. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 0 V
3.Operating Temperature: -45
°C to +90°C
4.Storage Temperature: -45
°C to +90°C
B. ELECTRICAL CHARACTERISTICS:
Reference temperature: 25
°C
Item
Min.
Typ.
Max.
Note
Center frequency
FC
(MHz)
-
868.30
-
1
Minimum I.L. (868~868.78 MHz)
(dB)
ILmin
-
2.7
4.2
Pass band (relative to ILmin)
868~868.78 MHz
(dB)
-
1.0
3.0
867.9~868.88 MHz
(dB)
-
1.5
6.0
1
Pass bandwidth (relative to ILmin)
BW3 (KHz)
-
1500
-
Attenuation:( relative to ILmin)
(dB )
10~700
MHz
(dB )
50
55
-
700~830
MHz
(dB )
40
45
-
830~850
MHz
(dB )
35
40
-
850~865.02
MHz
(dB )
25
28
-
871~874.5
MHz
(dB )
11
15
-
874.5~883
MHz
(dB )
16
21
-
883~900
MHz
(dB )
30
35
-
900~1000
MHz
(dB )
40
45
-
1
Impedance at FC ; Input
ZIN =RIN//CIN
Output ZOUT =ROUT//COUT
117
Ω // 3.7 pF
117
Ω // 3.7 pF
Note1. The standard definitions is in JIS C 6703
RoHS Compliant
Lead free
Lead-free soldering


Número de pieza similar - TA0280A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA0280A GOLLEDGE-TA0280A Datasheet
108Kb / 4P
   SAW Filter 868.3MHz
More results

Descripción similar - TA0280A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
MP01540 GOLLEDGE-MP01540 Datasheet
206Kb / 5P
   SAW Filter 868.30MHz
MP01916 GOLLEDGE-MP01916 Datasheet
185Kb / 5P
   SAW Filter 868.30MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0828A TAI-SAW-TA0828A Datasheet
310Kb / 6P
   SAW Filter 868.30MHz SMD3.8X3.8mm
TA0659A TAI-SAW-TA0659A Datasheet
285Kb / 6P
   SAW Filter 868.30MHz SMD3.0X3.0mm
TA0309A TAI-SAW-TA0309A Datasheet
481Kb / 5P
   SAW Filter 403.55MHz SMD5X5mm
TA0257A TAI-SAW-TA0257A Datasheet
315Kb / 5P
   SAW Filter 868.30MHz SMD3.8X3.8mm
TA0264A TAI-SAW-TA0264A Datasheet
481Kb / 5P
   SAW Filter 433.92MHz SMD5X5mm
TA0376A TAI-SAW-TA0376A Datasheet
471Kb / 5P
   SAW Filter 390MHz SMD5X5mm
TA0308A TAI-SAW-TA0308A Datasheet
479Kb / 5P
   SAW Filter 315.15MHz SMD5X5mm
TE0107A TAI-SAW-TE0107A Datasheet
466Kb / 6P
   SAW Filter 479.5MHz SMD5X5mm
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com