Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0285A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0285A
Descripción Electrónicos  SAW Filter 1575.42 MHz for GPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0285A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0285A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0285A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0285A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0285A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0285A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0285A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0285A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0285A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1575.42 MHz for GPS
MODEL NO.: TA0285A
REV. NO.:5
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
(MHz)
-
1575.42
-
Insertion loss (1574.22~1576.62 MHz) IL
(dB)
-
1.5
2.2
Amplitude ripple (1574.22~1576.62 MHz)
(dB)
-
0.1
1.0
Attenuation (Reference level from 0 dB)
D.C. ~ 1400
MHz
(dB)
35.0
37.0
-
1400 ~ 1475
MHz
(dB)
30.0
34.0
-
1475 ~ 1525
MHz
(dB)
25.0
37.0
-
1625 ~ 1640
MHz
(dB)
30.0
45.0
-
1640 ~ 2000
MHz
(dB)
32.0
34.0
-
2000 ~ 3000
MHz
(dB)
20.0
28.0
-
VSWR (1574.22~1576.62 MHz)
-
1.2
2.0
Source impedance
Zs
(
Ω)
-
50
-
Load impedance
ZL
(
Ω)
-
50
-
Note1. The standard definitions is in JIS C 6703


Número de pieza similar - TA0285A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA0285A GOLLEDGE-TA0285A Datasheet
332Kb / 5P
   SAW Filter 1575.42MHz for GPS
More results

Descripción similar - TA0285A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0406D TAI-SAW-TA0406D Datasheet
464Kb / 7P
   SAW Filter 1575.42 MHz for GPS
TA0224A TAI-SAW-TA0224A Datasheet
445Kb / 6P
   SAW Filter 1575.42 MHz for GPS
TA0213A TAI-SAW-TA0213A Datasheet
448Kb / 6P
   SAW Filter 1575.42 MHz for GPS
TA0406B TAI-SAW-TA0406B Datasheet
418Kb / 7P
   SAW Filter 1575.42 MHz for GPS
logo
List of Unclassifed Man...
FF1575M42-KP72 ETC-FF1575M42-KP72 Datasheet
40Kb / 4P
   1575.42 MHz SAW Filter for GPS
logo
TAI-SAW TECHNOLOGY CO.,...
TA0406C TAI-SAW-TA0406C Datasheet
313Kb / 7P
   SAW Filter 1575.42 MHz for GPS
TA0176A TAI-SAW-TA0176A Datasheet
549Kb / 6P
   SAW Filter 1575.42 MHz for GPS ~ Low Loss ~
TA1575IGC TAI-SAW-TA1575IGC Datasheet
277Kb / 7P
   SAW Filter 1575.42 MHz for GPS ~ Low Loss ~
TA0664B TAI-SAW-TA0664B Datasheet
196Kb / 7P
   SAW Filter 1575.42 MHz 2 MHz BW for GPS
TA1575IG TAI-SAW-TA1575IG Datasheet
452Kb / 6P
   SAW Filter 1575.42 MHz for GPS ~ Low Loss
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com