Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0288A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0288A
Descripción Electrónicos  SAW Filter 1216.88 MHz SMD 3.0횞3.0mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0288A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0288A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0288A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0288A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0288A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0288A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
F. PACKING:
1. REEL DIMENSION
2. TAPE DIMENSION


Número de pieza similar - TA0288A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA0288A GOLLEDGE-TA0288A Datasheet
73Kb / 4P
   SAW Filter 1216.88MHz
More results

Descripción similar - TA0288A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0355A TAI-SAW-TA0355A Datasheet
265Kb / 5P
   SAW Filter 1216.88 MHz SMD 3.0횞3.0mm
TA0438A TAI-SAW-TA0438A Datasheet
270Kb / 6P
   SAW Filter 810 MHz SMD 3.0횞3.0mm
TA2211A TAI-SAW-TA2211A Datasheet
742Kb / 7P
   SAW Filter 915 MHz SMD 3.0횞3.0mm
TA2403A TAI-SAW-TA2403A Datasheet
751Kb / 7P
   SAW Filter 2700 MHz SMD 3.0횞3.0mm
TA2432A TAI-SAW-TA2432A Datasheet
739Kb / 7P
   SAW Filter 1457 MHz SMD 3.0횞3.0mm
TA2493A TAI-SAW-TA2493A Datasheet
727Kb / 7P
   SAW Filter 1176.45 MHz SMD 3.0횞3.0mm
TA0364A TAI-SAW-TA0364A Datasheet
275Kb / 5P
   SAW Filter 1216 MHz SMD 3.0횞3.0mm
TA2417A TAI-SAW-TA2417A Datasheet
777Kb / 8P
   SAW Filter 845 MHz SMD 3.0횞3.0mm
TA2493B TAI-SAW-TA2493B Datasheet
727Kb / 7P
   SAW Filter 1176.45 MHz (BW 20.44 MHz) SMD 3.0횞3.0mm
TA2311A TAI-SAW-TA2311A Datasheet
1,008Kb / 7P
   SAW Filter 2332.5 MHz(BW 25MHz) SMD 3.0횞3.0mm
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com