Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0329A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0329A
Descripción Electrónicos  SAW Filter 907.5 MHz for Mobile Communication
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0329A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0329A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0329A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0329A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0329A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0329A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0329A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0329A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0329A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C. OUTLINE DRAWING:
Pin configuration
G
: Unbalance input
C,D : Balance output
B,E : Ground
:
Year code
:
Date code
Unit : mm
D. MEASUREMENT CIRCUIT:
J
N
150 Ω
60 nH


Número de pieza similar - TA0329A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TA0321 STMICROELECTRONICS-TA0321 Datasheet
182Kb / 12P
   TECHNICAL ARTICLE
logo
TAI-SAW TECHNOLOGY CO.,...
TA0321A TAI-SAW-TA0321A Datasheet
423Kb / 12P
   SAW Filter 881.5MHz SMD 2.5횞2.0 mm
TA0322A TAI-SAW-TA0322A Datasheet
454Kb / 5P
   SAW Filter 433.92MHz SMD3.0X3.0mm
logo
Golledge Electronics Lt...
TA0322A GOLLEDGE-TA0322A Datasheet
126Kb / 4P
   SAW Filter 433.920MHz
TA0322B GOLLEDGE-TA0322B Datasheet
103Kb / 5P
   SAW Filter 433.920MHz
More results

Descripción similar - TA0329A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0319A TAI-SAW-TA0319A Datasheet
388Kb / 6P
   SAW Filter 1960 MHz for Mobile Communication
TA0175B TAI-SAW-TA0175B Datasheet
430Kb / 7P
   SAW Filter 1960 MHz for Mobile Communication
TA0206A TAI-SAW-TA0206A Datasheet
557Kb / 6P
   SAW Filter 1842.5 MHz for Mobile Communication
TA0218A TAI-SAW-TA0218A Datasheet
402Kb / 7P
   SAW Filter 942.5 MHz for Mobile Communication
TA0401B TAI-SAW-TA0401B Datasheet
729Kb / 8P
   SAW Filter 1950 MHz for Mobile Communication
TA0685A TAI-SAW-TA0685A Datasheet
387Kb / 9P
   SAW Filter 1747.5 MHz for Mobile Communication
TA0231A TAI-SAW-TA0231A Datasheet
398Kb / 7P
   SAW Filter 942.5 MHz for Mobile Communication
TA0219A TAI-SAW-TA0219A Datasheet
386Kb / 7P
   SAW Filter 1842.5 MHz for Mobile Communication
TA0382A TAI-SAW-TA0382A Datasheet
370Kb / 7P
   SAW Filter 1950 MHz for Mobile Communication
logo
Golledge Electronics Lt...
MA04711 GOLLEDGE-MA04711 Datasheet
136Kb / 7P
   SAW Filter 947.5 MHz for Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com