Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0390A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0390A
Descripción Electrónicos  SAW Filter 940.5 MHz SMD 3.0X3.0 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0390A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0390A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0390A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0390A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0390A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0390A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0390A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0390A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
2. VSWR (25 ℃)
Input
Output
1
2
3
4
5
6
7
8
9
10
11
900.5
908.5
916.5
924.5
932.5
940.5
948.5
956.5
964.5
972.5
980.5
Freq.(MHz)
1
2
3
4
5
6
7
8
9
10
11
900.5
908.5
916.5
924.5
932.5
940.5
948.5
956.5
964.5
972.5
980.5
Freq.(MHz)


Número de pieza similar - TA0390A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0391A TAI-SAW-TA0391A Datasheet
498Kb / 6P
   SAW Filter 1747.5 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
TA0391A GOLLEDGE-TA0391A Datasheet
247Kb / 5P
   SAW Filter 1747.50MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0391B TAI-SAW-TA0391B Datasheet
388Kb / 7P
   SAW Filter 1747.5 MHz for PCN
TA0391C TAI-SAW-TA0391C Datasheet
296Kb / 7P
   SAW Filter 1747.5 MHz
TA0394A TAI-SAW-TA0394A Datasheet
1Mb / 6P
   SAW Filter 942.5MHz SMD 3.0횞3.0
More results

Descripción similar - TA0390A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0546A TAI-SAW-TA0546A Datasheet
433Kb / 7P
   SAW Filter 940.5 MHz SMD 3.0X3.0 mm
TA0434A TAI-SAW-TA0434A Datasheet
381Kb / 7P
   SAW Filter 940.5 MHz SMD 2.5X2.0 mm
TA0562A TAI-SAW-TA0562A Datasheet
435Kb / 7P
   SAW Filter 906 MHz SMD 3.0X3.0 mm
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
TA0767A TAI-SAW-TA0767A Datasheet
274Kb / 8P
   SAW Filter 675 MHz SMD 3.0X3.0 mm
TA0862A TAI-SAW-TA0862A Datasheet
255Kb / 7P
   SAW Filter 1268.52 MHz SMD 3.0X3.0 mm
TA0880A TAI-SAW-TA0880A Datasheet
411Kb / 8P
   SAW Filter 2245 MHz SMD 3.0X3.0 mm
TA2613A TAI-SAW-TA2613A Datasheet
731Kb / 7P
   SAW Filter 680.5 MHz SMD 3.0X3.0 mm
TA0567A TAI-SAW-TA0567A Datasheet
430Kb / 7P
   SAW Filter 1472 MHz SMD 3.0X3.0 mm
TA0620A TAI-SAW-TA0620A Datasheet
259Kb / 7P
   SAW Filter 1150 MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com