Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3519A Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 1N3519A
Descripción Electrónicos  ZENER VOLTAGE REGULATOR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3519A Datasheet(HTML) 1 Page - Microsemi Corporation

  1N3519A Datasheet HTML 1Page - Microsemi Corporation 1N3519A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01844
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
400mW
ZENER VOLTAGE REGULATOR DIODE
LDS-0063 Rev. 2 (091964)
Page 1 of 2
DEVICES
1N3506A through 1N3534A
MAXIMUM RATING AT 25
oC
Junction and Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ TEC = +125°C
Forward Voltage @ 200mA: 1.1 volts maximum
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
Zener Voltage @ Izt
Zener Type
#
Volts
@ mA
Zener Voltage
Tolerance
Max Zener Impedance
@ Izt Ohms
Power Rating
1N3506A
3.3
20.0
5%
24.0
400mW
1N3507A
3.6
20.0
5%
22.0
400mW
1N3508A
3.9
20.0
5%
20.0
400mW
1N3509A
4.3
20.0
5%
18.0
400mW
1N3510A
4.7
20.0
5%
16.0
400mW
1N3511A
5.1
20.0
5%
14.0
400mW
1N3512A
5.6
20.0
5%
8.0
400mW
1N3513A
6.2
20.0
5%
3.0
400mW
1N3514A
6.8
20.0
5%
3.0
400mW
1N3515A
7.5
10.0
5%
4.0
400mW
1N3516A
8.2
10.0
5%
5.0
400mW
1N3517A
9.1
10.0
5%
6.0
400mW
1N3518A
1.0
10.0
5%
7.0
400mW
1N3519A
11.0
10.0
5%
8.0
400mW
1N3520A
12.0
10.0
5%
10.0
400mW
1N3521A
13.0
5.0
5%
12.0
400mW
1N3522A
15.0
5.0
5%
14.0
400mW
1N3523A
16.0
5.0
5%
16.0
400mW
1N3524A
18.0
5.0
5%
18.0
400mW
1N3525A
20.0
5.0
5%
20.0
400mW
1N3526A
22.0
5.0
5%
35.0
400mW
1N3527A
24.0
5.0
5%
38.0
400mW
1N3528A
27.0
4.0
5%
40.0
400mW
1N3529A
30.0
4.0
5%
48.0
400mW
1N3530A
33.0
3.0
5%
50.0
400mW
1N3531A
36.0
3.0
5%
75.0
400mW
DO-35


Número de pieza similar - 1N3519A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
1N3519A NJSEMI-1N3519A Datasheet
89Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE
More results

Descripción similar - 1N3519A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
New Jersey Semi-Conduct...
1N3506A NJSEMI-1N3506A Datasheet
89Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE
1N6321 NJSEMI-1N6321 Datasheet
94Kb / 1P
   ZENER VOLTAGE REGULATOR DIODE
logo
Microsemi Corporation
1N705A MICROSEMI-1N705A Datasheet
135Kb / 1P
   Zener Voltage Regulator Diode
logo
New Jersey Semi-Conduct...
1EZ150D5 NJSEMI-1EZ150D5 Datasheet
94Kb / 1P
   Zener Voltage Regulator Diode
logo
Shanghai Leiditech Elec...
LMBZ5221BLT1G LEIDITECH-LMBZ5221BLT1G Datasheet
674Kb / 6P
   Zener Voltage Regulator
logo
Renesas Technology Corp
RKZ3.6BKV RENESAS-RKZ3.6BKV Datasheet
216Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
RKZ-KV RENESAS-RKZ-KV Datasheet
210Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Sensitron
1C6323 SENSITRON-1C6323 Datasheet
58Kb / 2P
   ZENER 0.5W VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com