Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N3532A Datasheet(PDF) 2 Page - Microsemi Corporation |
|
1N3532A Datasheet(HTML) 2 Page - Microsemi Corporation |
2 / 2 page TECHNICAL DATA SHEET 6 Lake Street, Lawrence, MA 01844 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803 Website: http: //www.microsemi.com 400mW ZENER VOLTAGE REGULATOR DIODE LDS-0063 Rev. 2 (091964) Page 2 of 2 ELECTRICAL CHARACTERISTICS (CONT.) (TA = 25°C, unless otherwise specified) Zener Voltage @ Izt Zener Type # Volts @ mA Zener Voltage Tolerance Max Zener Impedance @ Izt Ohms Power Rating 1N3532A 39.0 3.0 5% 100.0 400mW 1N3533A 43.0 2.0 5% 130.0 400mW 1N3534A 47.0 2.0 5% 150.0 400mW NOTE 1 : Zener Voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25 oC + 3oC. NOTE 2 : Zener impedance is derived by superimposing on IZT A 60Hz rms a.c. current equal to 10% of IZT. NOTE 3 : ΔVZ is the maximum difference between VZ at I ZT and VZ at IZT measured with the device junction in thermal equilibrium . DESIGN DATA CASE: DO-35 Hermetically sealed glass case. LEAD FINISH : Tin/ Lead Cathode band denotes polarity |
Número de pieza similar - 1N3532A |
|
Descripción similar - 1N3532A |