Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0475A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0475A
Descripción Electrónicos  SAW Filter 462.5375MHz SMD3.8X3.8mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0475A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0475A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0475A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0475A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0475A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0475A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
D. MEASUREMENT CIRCUIT:
E.OUTLINE DRAWING:
F.PCB FOOTPRINT
4 7 5
51nH
51nH
8pF
8pF
1,3,4,5,7,8
26


Número de pieza similar - TA0475A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA0475A GOLLEDGE-TA0475A Datasheet
192Kb / 4P
   462.53750MHz SAW Filter
More results

Descripción similar - TA0475A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0476A TAI-SAW-TA0476A Datasheet
270Kb / 5P
   SAW Filter 467.5375MHz SMD3.8X3.8mm
TA0257A TAI-SAW-TA0257A Datasheet
315Kb / 5P
   SAW Filter 868.30MHz SMD3.8X3.8mm
TA0301A TAI-SAW-TA0301A Datasheet
474Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
TA0828A TAI-SAW-TA0828A Datasheet
310Kb / 6P
   SAW Filter 868.30MHz SMD3.8X3.8mm
TA0473A TAI-SAW-TA0473A Datasheet
269Kb / 5P
   SAW Filter 456MHz SMD3.8X3.8mm
TA0500A TAI-SAW-TA0500A Datasheet
272Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
TA0472A TAI-SAW-TA0472A Datasheet
269Kb / 5P
   SAW Filter 455MHz SMD3.8X3.8mm
TA0277A TAI-SAW-TA0277A Datasheet
476Kb / 5P
   SAW Filter 433.92MHz SMD3.8X3.8mm
TA0306A TAI-SAW-TA0306A Datasheet
479Kb / 5P
   SAW Filter 434.260MHz SMD3.8X3.8mm
TA0300A TAI-SAW-TA0300A Datasheet
489Kb / 5P
   SAW Filter 433.92MHz SMD3.8X3.8mm
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com