Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0511A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0511A
Descripción Electrónicos  SAW Filter 830.05 MHz SMD 3.8X3.8 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0511A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0511A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0511A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0511A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0511A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0511A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0511A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
D. OUTLINE DRAWING:
E. PCB Footprint:
2 : Input
6: Output
1,3,4,5,7,8: Ground
: Date Code
Unit: mm


Número de pieza similar - TA0511A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA0511A GOLLEDGE-TA0511A Datasheet
233Kb / 5P
   SAW Filter 830.05MHz
More results

Descripción similar - TA0511A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0610A TAI-SAW-TA0610A Datasheet
318Kb / 6P
   SAW Filter 930.5 MHz SMD 3.8X3.8 mm
TB0264A TAI-SAW-TB0264A Datasheet
224Kb / 5P
   SAW Filter 533.33 MHz SMD 3.8x3.8 mm
TA0832A TAI-SAW-TA0832A Datasheet
326Kb / 8P
   SAW Filter 915.3 MHz SMD 3.8X3.8 mm
TA0723A TAI-SAW-TA0723A Datasheet
331Kb / 6P
   SAW Filter 433.42 MHz SMD 3.8X3.8 mm
TB0464A TAI-SAW-TB0464A Datasheet
283Kb / 7P
   SAW Filter 400 MHz SMD 3.8X3.8 mm
TA915EC TAI-SAW-TA915EC Datasheet
362Kb / 5P
   SAW Filter 915 MHz SMD 3.8X3.8 mm
TA915FC TAI-SAW-TA915FC Datasheet
364Kb / 5P
   SAW Filter 915 MHz SMD 3.8X3.8 mm
TA0512A TAI-SAW-TA0512A Datasheet
465Kb / 6P
   SAW Filter 874.55 MHz SMD 3.8X3.8 mm
TA2489A TAI-SAW-TA2489A Datasheet
546Kb / 7P
   SAW Filter 332 MHz (BW 24 MHz) SMD 3.8X3.8 mm
TA1602A TAI-SAW-TA1602A Datasheet
431Kb / 7P
   SAW Filter 315 MHz (BW 1.06MHz) SMD 3.8X3.8 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com