Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BD9130EFJ Datasheet(PDF) 11 Page - Rohm

No. de Pieza. BD9130EFJ
Descripción  Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

BD9130EFJ Datasheet(HTML) 11 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
BD9130EFJ
Technical Note
11/14
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
5. Determination of output voltage
The output voltage VOUT is determined by the equation (6):
VOUT=(R2/R1+1)×VADJ・・・(6) VADJ: Voltage at ADJ terminal (0.8V Typ.)
With R1 and R2 adjusted, the output voltage may be determined as required.
Adjustable output voltage range : 1.0V~2.5V
Fig.33 Determination of output voltage
Use 1 kΩ~100 kΩ resistor for R1. If a resistor of the resistance
higher than 100 kΩ is used, check the assembled set carefully for
ripple voltage etc.
The lower limit of input voltage depends on the output voltage.
Basically, it is recommended to use in the condition :
VCCmin = VOUT+1.3V.
Fig.34. shows the necessary output current value at the lower limit
of input voltage. (DCR of inductor : 0.1Ω)
This data is the characteristic value, so it’ doesn’t guarantee the
operation range,
Fig.34 minimum input voltage
in each output voltage
BD9130EFJ Cautions on PC Board layout
Fig.35 Layout diagram
For the sections drawn with heavy line, use thick conductor pattern as short as possible.
Lay out the input ceramic capacitor CIN closer to the pins PVCC and PGND, and the output capacitor Co closer to the
pin PGND.
Lay out CITH and RITH between the pins ITH and GND as neat as possible with least necessary wiring.
HTSOP-J8 (BD9130EFJ) has thermal FIN on the reverse of the package.
The package thermal performance may be enhanced by bonding the FIN to GND plane which take a large area of
PCB.
ADJ
VCC
ITH
GND
EN
PVCC
SW
PGND
VCC
RITH
GND
Co
CIN
VOUT
EN
L
CITH
1
2
3
4
8
7
6
5
R2
R1
SW
6
1
ADJ
L
Co
R2
R1
Output
Vo=2.5V
Vo=2.0V
Vo=1.8V
2.7
2.9
3.1
3.3
3.5
3.7
3.9
00.5
11.5
2
OUTPUT CURRENT : IOUT[A]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn