Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMD0705 Datasheet(PDF) 1 Page - Wing Shing Computer Components

No. de pieza SMD0705
Descripción Electrónicos  CRYSTAL UNIT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINGS [Wing Shing Computer Components]
Página de inicio  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

SMD0705 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  SMD0705 Datasheet HTML 1Page - Wing Shing Computer Components SMD0705 Datasheet HTML 2Page - Wing Shing Computer Components SMD0705 Datasheet HTML 3Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CRYSTAL UNIT
1. SCOPE
This specification shall cover the characteristics of crystal unit with
SMD0705-10.00—27.00MHz
2. ELECTRICAL SPECIFICATION
ITEM
SPECIFICATION
HOLDER TYPE
SMD0705
NOMINAL FREQUENCY
10.00—27.00MHz
LOAD CAPACITANCE
10PF to series
OSCILLATION MODE
Fundamental
FREQUENCY TOLERANCE AT 25℃±2℃±30PPM
EQUIVALENT SERIES RESISTANCE
40Ω max.
DRIVE LEVEL
0.5MW
OPERATING TEMPERATURE RANGE
-10℃~+60℃
FREQUENCY STABILITY
±30PPM
SHUNT CAPACITANCE
<7PF
AGING
±5PPM/YEAR
INSULATION RESISTANCE
>500MΩ at DC 100V
3.Dimension (mm)
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
SMD0705


Número de pieza similar - SMD0705

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMD0705 ETC2-SMD0705 Datasheet
163Kb / 5P
   CRYSTAL
logo
Shoulder Electronics Li...
SMD0705 SHOULDER-SMD0705 Datasheet
94Kb / 3P
   CRYSTAL RESONATOR
More results

Descripción similar - SMD0705

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wing Shing Computer Com...
HC-49S WINGS-HC-49S Datasheet
52Kb / 3P
   CRYSTAL UNIT
logo
Advanced Crystal Techno...
HC49US-SMX ACT-HC49US-SMX Datasheet
201Kb / 2P
   Crystal unit
1/2/2017
UM5-1 ACT-UM5-1 Datasheet
179Kb / 2P
   Crystal Unit
1/2/2017
logo
Wing Shing Computer Com...
HC-49SSMD WINGS-HC-49SSMD Datasheet
52Kb / 3P
   CRYSTAL UNIT
logo
Raltron Electronics Cor...
A-4.000-20 RALTRON-A-4.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-12.288-20 RALTRON-A-12.288-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-21.250-18 RALTRON-A-21.250-18 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-36.864-10-3OT RALTRON-A-36.864-10-3OT Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-3.8912-20 RALTRON-A-3.8912-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
logo
Seiko Instruments Inc
VT-200-F SII-VT-200-F Datasheet
503Kb / 1P
   Quartz Crystal Unit
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com