Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD18KA5WFP-E2 Datasheet(PDF) 1 Page - Rohm

No. de pieza BD18KA5WFP-E2
Descripción Electrónicos  500mA Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD18KA5WFP-E2 Datasheet(HTML) 1 Page - Rohm

  BD18KA5WFP-E2 Datasheet HTML 1Page - Rohm BD18KA5WFP-E2 Datasheet HTML 2Page - Rohm BD18KA5WFP-E2 Datasheet HTML 3Page - Rohm BD18KA5WFP-E2 Datasheet HTML 4Page - Rohm BD18KA5WFP-E2 Datasheet HTML 5Page - Rohm BD18KA5WFP-E2 Datasheet HTML 6Page - Rohm BD18KA5WFP-E2 Datasheet HTML 7Page - Rohm BD18KA5WFP-E2 Datasheet HTML 8Page - Rohm BD18KA5WFP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Secondary LDO Regulator Series for Local Power Supplies
500mA Secondary LDO Regulators
for Local Power Supplies
BD□□KA5,BD□□KA5W Series,BD00KA5W Series
General Description
The BD□□KA5 series are low-saturation regulators that are available for output currents up to 500mA. The output voltage
precision is ±1%. These secondary LDO regulators are offered in several output voltages and package lineups with or
without ON/OFF switches (that set the circuit current to 0μA at shutdown). This series can be used for a broad spectrum of
applications ranging from TVs and car audio systems to HDDs, PCs, and DVDs. There regulators have a built-in overcurrent
protection circuit that prevents the destruction of the IC, due to output short circuits and a thermal shutdown circuit.
Features
1) Maximum output current : 500mA
2) Output voltage precision : ±1%
3) Low-saturation voltage with PMOS output : 0.12V Typ.(Io=200mA)
4) Built-in over-current protection circuit
5) Built-in thermal shutdown circuit
6) Shutdown switch(BD□□KA5WFP and BD□□KA5WF series)
7) TO252-3,TO252-5 and SOP8 package lineup
8) Operating temperature range : -40℃ to +105℃
9) Ceramic capacitor compatible(recommended capacitance : 1μF or greater)
Applications
Microcontrollers and all electronic devices that use logic circuits
Product line up
Part Number
1.0
1.2
1.5
1.8
2.5
3.0
3.3
Variable
Package
BD□□KA5WFP
TO252-5
BD□□KA5WF
SOP8
BD□□KA5FP
-
TO252-3
Part Number:BD□□KA5□□
a
b c
Symbol
Details
a
Output Voltage Designation
□□
Output Voltage(V)
□□
Output Voltage(V)
10
1.0V(Typ.)
25
2.5V(Typ.)
12
1.2V(Typ.)
30
3.0V(Typ.)
15
1.5V(Typ.)
33
3.3V(Typ.)
18
1.8V(Typ.)
00
Variable Output Typ
b
Switch
“W” included:Built-in shutdown switch
“W” not included:No shutdown switch
c
Package
FP:TO252-5 / TO252-3
F:SOP8
No.09024EAT01


Número de pieza similar - BD18KA5WFP-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD18KA5WFP-E2 ROHM-BD18KA5WFP-E2 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
BD18KA5WFP-E2 ROHM-BD18KA5WFP-E2 Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
More results

Descripción similar - BD18KA5WFP-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD10KASWFP ROHM-BD10KASWFP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BA15NC0WT ROHM-BA15NC0WT Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com