Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0881A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA0881A
Descripción Electrónicos  SAW Filter 710 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0881A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0881A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0881A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0881A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0881A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0881A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0881A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0881A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
D.OUTLINE DRAWING:
E. PCB Footprint:
2 : Input
6: Output
1,3,4,5,7,8: Ground
: Date Code (W01->A, W02->B,…W52->z)
Unit: mm


Número de pieza similar - TA0881A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA0881A GOLLEDGE-TA0881A Datasheet
129Kb / 6P
   SAW Filter 710 MHz
More results

Descripción similar - TA0881A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA2439B TAI-SAW-TA2439B Datasheet
483Kb / 8P
   SAW Filter 710 MHz
logo
Golledge Electronics Lt...
MP01767 GOLLEDGE-MP01767 Datasheet
129Kb / 6P
   SAW Filter 710 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1230A TAI-SAW-TA1230A Datasheet
418Kb / 6P
   SAW Filter 710 MHz
TA1876A TAI-SAW-TA1876A Datasheet
237Kb / 7P
   SAW Filter 710 MHz
logo
TriQuint Semiconductor
880370 TRIQUINT-880370 Datasheet
144Kb / 5P
   710 MHz BAW Filter
857182 TRIQUINT-857182_15 Datasheet
739Kb / 9P
   710/740 MHz SAW Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TA2439A TAI-SAW-TA2439A Datasheet
799Kb / 8P
   SAW Tx Filter 710 MHz LTE Band 17 SMD1.1X0.9mm (BW=12 MHz)
TA2439C TAI-SAW-TA2439C Datasheet
781Kb / 8P
   SAW Tx Filter 710 MHz LTE Band 17 SMD1.1X0.9mm (BW=12 MHz)
logo
TriQuint Semiconductor
856931 TRIQUINT-856931 Datasheet
748Kb / 9P
   710/740 MHz Duplexer
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com